Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4933 Datasheet(PDF) 6 Page - Leshan Radio Company

No. de pieza 1N4933
Descripción Electrónicos  Plastic package has Underwriters Laboratory
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LRC [Leshan Radio Company]
Página de inicio  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

1N4933 Datasheet(HTML) 6 Page - Leshan Radio Company

  1N4933_15 Datasheet HTML 1Page - Leshan Radio Company 1N4933_15 Datasheet HTML 2Page - Leshan Radio Company 1N4933_15 Datasheet HTML 3Page - Leshan Radio Company 1N4933_15 Datasheet HTML 4Page - Leshan Radio Company 1N4933_15 Datasheet HTML 5Page - Leshan Radio Company 1N4933_15 Datasheet HTML 6Page - Leshan Radio Company 1N4933_15 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
A.包装盒尺寸/Box Dimension
( DO-41&DO-15 )
Item
Symbol
Dimension
H
L
200±2
W
84±2
H
21±2
L
( DO-201AD )
H
Item
Symbol
Dimension
L
200±2
W
84±2
L
H
29±2
B:外箱规格/Outer Box Specification
Item
Symbol
Dimension
L
465±2
C
W
225±2
H
260±4
B
A
按以上包装方式:(As per the above spec)
DO-15
0.5K
25K
3. 散装/Bulk Packing
Q'ty/Taping
1K
0.3K
Q'ty/Packing Case
50K
12K
外型/Outside
DO-41&A-405&R-1
DO-201AD
W
Box's
Size
W
Case's
Size
Box's
Size
LESHAN RADIO COMPANY, LTD.


Número de pieza similar - 1N4933_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Compact Technology Corp...
1N4933 CTC-1N4933_15 Datasheet
100Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Diodes Incorporated
1N4933 DIODES-1N4933_15 Datasheet
65Kb / 2P
   1.0A FAST RECOVERY RECTIFIER
logo
Rugao Dachang Electroni...
1N4933 DACHANG-1N4933_15 Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifier
logo
GOOD-ARK Electronics
1N4933 GOOD-ARK-1N4933_15 Datasheet
200Kb / 2P
   Fast Recovery Rectifiers Reverse Voltage 50 to 600 Volts Forward Current 1.0 Ampere
logo
Diotec Semiconductor
1N4933 DIOTEC-1N4933_15 Datasheet
131Kb / 2P
   Fast Recovery Rectifier Diodes
More results

Descripción similar - 1N4933_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
DRS1M LRC-DRS1M_15 Datasheet
533Kb / 4P
   Plastic package has Underwriters Laboratory
logo
List of Unclassifed Man...
HFM105 ETC2-HFM105 Datasheet
150Kb / 2P
   Plastic package has Underwriters Laboratory
logo
Yea Shin Technology Co....
MBRL120S YEASHIN-MBRL120S Datasheet
813Kb / 10P
   Plastic package has Underwriters Laboratory
logo
Pan Jit International I...
EST1AF PANJIT-EST1AF Datasheet
142Kb / 5P
   Plastic package has Underwriters Laboratory
logo
List of Unclassifed Man...
H31 ETC2-H31 Datasheet
126Kb / 2P
   Plastic package has Underwriters Laboratory
logo
Leshan Radio Company
EGP10A LRC-EGP10A_15 Datasheet
305Kb / 7P
   Plastic package has Underwriters Laboratory
EGP10D LRC-EGP10D_15 Datasheet
305Kb / 7P
   Plastic package has Underwriters Laboratory
logo
SHENZHEN YONGERJIA INDU...
S11-S18 WINNERJOIN-S11-S18 Datasheet
113Kb / 2P
   Plastic package has Underwriters Laboratory
logo
Leshan Radio Company
1N4934 LRC-1N4934_15 Datasheet
200Kb / 7P
   Plastic package has Underwriters Laboratory
EGP15A LRC-EGP15A_15 Datasheet
207Kb / 7P
   Plastic package has Underwriters Laboratory
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com