Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SB040 Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza SB040
Descripción Electrónicos  Miniature Schottky Barrier Plastic Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SB040 Datasheet(HTML) 3 Page - Vishay Siliconix

  SB040 Datasheet HTML 1Page - Vishay Siliconix SB040 Datasheet HTML 2Page - Vishay Siliconix SB040 Datasheet HTML 3Page - Vishay Siliconix SB040 Datasheet HTML 4Page - Vishay Siliconix SB040 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SB020, SB030, SB040, SB050, SB060
www.vishay.com
Vishay General Semiconductor
Revision: 13-Aug-13
3
Document Number: 88714
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Typical Junction Capacitance
Fig. 6 - Transient Thermal Impedance
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Reverse Voltage (V)
0.1
10
1
100
100
1000
10
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
0.1
0.01
10
1
100
100
10
1
0.1
t - Pulse Duration (s)
0.100 (2.54)
0.090 (2.29)
DIA.
0.025 (0.635)
0.023 (0.584)
DIA.
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
0.125 (3.18)
0.115 (2.92)
MPG06


Número de pieza similar - SB040

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
General Semiconductor
SB040 GE-SB040 Datasheet
49Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
logo
Galaxy Semi-Conductor H...
SB040 BILIN-SB040 Datasheet
47Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SB040 VISHAY-SB040 Datasheet
353Kb / 4P
   Miniature Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Gulf Semiconductor
SB040 GULFSEMI-SB040 Datasheet
101Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 40V CURRENT: 0.6A
logo
Vishay Siliconix
SB040 VISHAY-SB040 Datasheet
71Kb / 4P
   Miniature Schottky Barrier Rectifier
Revision: 16-Oct-09
More results

Descripción similar - SB040

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
General Semiconductor
SB020 GE-SB020 Datasheet
49Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
SR102 CHENG-YI-SR102 Datasheet
108Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
SR1020 CHENG-YI-SR1020 Datasheet
141Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
SK120 CHENG-YI-SK120 Datasheet
105Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
SR3020 CHENG-YI-SR3020 Datasheet
180Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SB040-E3 VISHAY-SB040-E3 Datasheet
71Kb / 4P
   Miniature Schottky Barrier Rectifier
Revision: 16-Oct-09
logo
CHENG-YI ELECTRONIC CO....
SR302 CHENG-YI-SR302 Datasheet
120Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
SK52 CHENG-YI-SK52 Datasheet
119Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
IN5820 CHENG-YI-IN5820 Datasheet
106Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
logo
SHENZHEN KOO CHIN ELECT...
1S20 KOOCHIN-1S20 Datasheet
440Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com