Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SD101B Datasheet(PDF) 2 Page - Vishay Siliconix

No. de Pieza. SD101B
Descripción  Small Signal Schottky Diodes
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo 

SD101B Datasheet(HTML) 2 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SD101A, SD101B, SD101C
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 06-May-13
2
Document Number: 85629
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Reverse Current vs. Reverse Voltage
Fig. 2 - Diode Capacitance vs. Reverse Voltage
Fig. 3 - Forward Current vs. Forward Voltage
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Reverse breakdown voltage
IR = 10 μA
SD101A
V(BR)
60
V
SD101B
V(BR)
50
V
SD101C
V(BR)
40
V
Leakage current
VR = 50 V
SD101A
IR
200
nA
VR = 40 V
SD101B
IR
200
nA
VR = 30 V
SD101C
IR
200
nA
Forward voltage drop
IF = 1 mA
SD101A
VF
410
mV
SD101B
VF
400
mV
SD101C
VF
390
mV
IF = 15 mA
SD101A
VF
1000
mV
SD101B
VF
950
mV
SD101C
VF
900
mV
Diode capacitance
VR = 0 V, f = 1 MHz
SD101A
CD
2.0
pF
SD101B
CD
2.1
pF
SD101C
CD
2.2
pF
0.01
0.1
1
10
100
0
10
1520
2530
3540
4550
V
R - Reverse Voltage (V)
16204
T
j = 125 °C
T
j = 100 °C
T
j = 75 °C
T
j = 50 °C
T
j = 25 °C
5
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
1015
2025
3035
4045
50
V
R - Reverse Voltage (V)
16205
T
j = 25 °C
5
0.01
0.10
1.00
10.00
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
V
F - Forward Voltage (V)
16206


Html Pages

1  2  3  4  5 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn