Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5450 Datasheet(PDF) 1 Page - Knox Semiconductor, Inc

No. de pieza 1N5450
Descripción Electrónicos  GENERAL PURPOSE ABRUPT VARACTOR DIODES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KNOX [Knox Semiconductor, Inc]
Página de inicio  http://www.knoxsemiconductor.com
Logo KNOX - Knox Semiconductor, Inc

1N5450 Datasheet(HTML) 1 Page - Knox Semiconductor, Inc

  1N5450 Datasheet HTML 1Page - Knox Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P.O. BOX 609
• ROCKPORT, MAINE 04856 • 207-236-6076 • FAX 207-236-9558
GENERAL PURPOSE ABRUPT VARACTOR DIODES
1N5441 TO 1N5476
PART
CAPACITANCE
TUNING RATIO
MIN QUALITY FACTOR
NUMBER
@ 4 Vdc • 1 MHz
C•2 V / C•30V
Q @ - 4 Vdc
(pF)
MIN
MAX
f = 50 MHz
1N5441
6.8
2.5
3.1
450
1N5442
8.2
2.5
3.1
450
1N5443
10.0
2.6
3.1
400
1N5444
12.0
2.6
3.1
400
1N5445
15.0
2.6
3.1
400
1N5446
18.0
2.6
3.1
350
1N5447
20.0
2.6
3.1
350
1N5448
22.0
2.6
3.2
350
1N5449
27.0
2.6
3.2
350
1N5450
33.0
2.6
3.2
350
1N5451
39.0
2.6
3.2
300
1N5452
47.0
2.6
3.2
250
1N5453
56.0
2.6
3.3
200
1N5454
68.0
2.7
3.3
175
1N5455
82.0
2.7
3.3
175
1N5456
100.0
2.7
3.3
175
♦1N5461
6.8
2.7
3.1
600
♦1N5462
8.2
2.8
3.1
600
♦1N5463
10.0
2.8
3.1
550
♦1N5464
12.0
2.8
3.1
550
♦1N5465
15.0
2.8
3.1
550
♦1N5466
18.0
2.9
3.1
500
♦1N5467
20.0
2.9
3.1
500
♦1N5468
22.0
2.9
3.2
500
♦1N5469
27.0
2.9
3.2
500
♦1N5470
33.0
2.9
3.2
500
♦1N5471
39.0
2.9
3.2
450
♦1N5472
47.0
2.9
3.2
400
♦1N5473
56.0
2.9
3.3
300
♦1N5474
68.0
2.9
3.3
250
♦1N5475
82.0
2.9
3.3
225
♦1N5476
100.0
2.9
3.3
200
Package style
DO-7
DC Power Dissipation
@ Ta = 25°C
400 mW
Min Reverse Breakdown Voltage
@ IR = 10 µA
30 V
Max Reverse Current (IR)
@ 25 Vdc
0.02 µA
Max Reverse Current (IR2)
@ 25 Vdc 150°C
20 µA
Temp. Coefficient of Capacitance
@ Vr=4 Vdc; Ta -65° to + 85°c
.04% /°C
Operating Temperature (Topr)
-65 to +175°C
Storage Temperature (Tstg)
-65 to +200°C
Capacitance Tolerance
Standard Device
±20%
Suffix A
±10%
Suffix B
±5%
Suffix C
±2%
DENOTES MILITARY APPROVAL FOR JAN - JANTX – JANTXV (B & C Tolerance only)


Número de pieza similar - 1N5450

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
New Jersey Semi-Conduct...
1N5450 NJSEMI-1N5450 Datasheet
364Kb / 1P
   VARACTOR TUNING DIODES
1N5450 NJSEMI-1N5450 Datasheet
88Kb / 1P
   HIGH Q - VOLTAGE VARIABLE CAPACITORS
1N5450A NJSEMI-1N5450A Datasheet
443Kb / 1P
   D0-7 Diode
More results

Descripción similar - 1N5450

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Knox Semiconductor, Inc
1N5681 KNOX-1N5681 Datasheet
37Kb / 1P
   GENERAL PURPOSE ABRUPT VARACTOR DIODES
1N5139 KNOX-1N5139 Datasheet
36Kb / 1P
   GENERAL PURPOSE ABRUPT VARACTOR DIODES
KSV2101 KNOX-KSV2101 Datasheet
33Kb / 1P
   GLASS - LEADED GENERAL PURPOSE ABRUPT VARACTOR DIODES
SMV2101 KNOX-SMV2101 Datasheet
35Kb / 1P
   PLASTIC SURFACE MOUNT GENERAL PURPOSE ABRUPT VARACTOR DIODES
MV1620 KNOX-MV1620 Datasheet
33Kb / 1P
   ABRUPT VARACTOR DIODES
MV1652 KNOX-MV1652 Datasheet
32Kb / 1P
   ABRUPT VARACTOR DIODES
MV830 KNOX-MV830 Datasheet
33Kb / 1P
   ABRUPT VARACTOR DIODES
logo
M/A-COM Technology Solu...
MGV050-X MA-COM-MGV050-X Datasheet
433Kb / 4P
   GaAs Abrupt Varactor Diodes
MTV4030-X MA-COM-MTV4030-X Datasheet
576Kb / 5P
   Silicon Abrupt Tuning Varactor Diodes
MTV4045-X MA-COM-MTV4045-X Datasheet
673Kb / 6P
   Silicon Abrupt Tuning Varactor Diodes
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com