Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PALCE16V8 Datasheet(PDF) 12 Page - Lattice Semiconductor

No. de pieza PALCE16V8
Descripción Electrónicos  EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LATTICE [Lattice Semiconductor]
Página de inicio  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

PALCE16V8 Datasheet(HTML) 12 Page - Lattice Semiconductor

Back Button PALCE16V8 Datasheet HTML 8Page - Lattice Semiconductor PALCE16V8 Datasheet HTML 9Page - Lattice Semiconductor PALCE16V8 Datasheet HTML 10Page - Lattice Semiconductor PALCE16V8 Datasheet HTML 11Page - Lattice Semiconductor PALCE16V8 Datasheet HTML 12Page - Lattice Semiconductor PALCE16V8 Datasheet HTML 13Page - Lattice Semiconductor PALCE16V8 Datasheet HTML 14Page - Lattice Semiconductor PALCE16V8 Datasheet HTML 15Page - Lattice Semiconductor PALCE16V8 Datasheet HTML 16Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
12
PALCE16V8H-5/7 (Com’l)
CAPACITANCE1
Note:
1. These parameters are not 100% tested, but are evaluated at initial characterization and at any time the design is modified where
capacitance may be affected.
SWITCHING CHARACTERISTICS OVER COMMERCIAL OPERATING RANGES1
Notes:
1. See “Switching Test Circuit” for test conditions.
2. Output delay minimums for tPD, tCO, tPZX, tPXZ, tEA, and tER are defined under best case conditions. Future process improvements
may alter these values; therefore, minimum values are recommended for simulation purposes only.
3. Skew testing takes into account pattern and switching direction differences between outputs that have equal loading.
4. These parameters are not 100% tested, but are calculated at initial characterization and at any time the design is modified where
frequency may be affected.
5. tCF is a calculated value and is not guaranteed. tCF can be found using the following equation:
tCF = 1/fMAX (internal feedback) – tS.
Parameter
Symbol
Parameter Description
Test Conditions
Typ
Unit
CIN
Input Capacitance
VIN = 2.0 V
VCC = 5.0 V, TA = 25 °C,
5
pF
COUT
Output Capacitance
VOUT = 2.0 V
f = 1 MHz
8
pF
Parameter
Symbol
Parameter Description
-5
-7
Unit
Min 2
Max
Min 2
Max
tPD
Input or Feedback to Combinatorial Output
1
5
3
7.5
ns
tS
Setup Time from Input or Feedback to Clock
3
5
ns
tH
Hold Time
0
0
ns
tCO
Clock to Output
1415
ns
tSKEWR
Skew Between Registered Outputs (Note 3)
1
1
ns
tWL
Clock Width
LOW
3
4
ns
tWH
HIGH
3
4
ns
fMAX
Maximum Frequency
(Note 4)
External Feedback
1/(tS+tCO)
142.8
100
MHz
Internal Feedback (fCNT)
1/(tS+tCF) (Note 5)
166
125
MHz
No Feedback
1/(tWH+tWL)
166
125
MHz
tPZX
OE to Output Enable
1616
ns
tPXZ
OE to Output Disable
1516
ns
tEA
Input to Output Enable Using Product Term Control
2639
ns
tER
Input to Output Disable Using Product Term Control
2539
ns


Número de pieza similar - PALCE16V8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Micro Devices
PALCE16V8 AMD-PALCE16V8 Datasheet
224Kb / 26P
   EE CMOS 20-Pin Universal Programmable Array Logic
PALCE16V8 AMD-PALCE16V8 Datasheet
3Mb / 6P
   EE CMOS 20 PIN UNIVERSAL PROGRAMMABLE ARRAY LOGIC
logo
Cypress Semiconductor
PALCE16V8 CYPRESS-PALCE16V8 Datasheet
300Kb / 13P
   Flash-Erasable Reprogrammable CMOS PAL Device
PALCE16V8-10 CYPRESS-PALCE16V8-10 Datasheet
300Kb / 13P
   Flash-Erasable Reprogrammable CMOS PAL Device
PALCE16V8-10DMB CYPRESS-PALCE16V8-10DMB Datasheet
300Kb / 13P
   Flash-Erasable Reprogrammable CMOS PAL Device
More results

Descripción similar - PALCE16V8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lattice Semiconductor
PLV16V8 LATTICE-PLV16V8 Datasheet
425Kb / 22P
   Low Voltage, Zero Power 20-Pin EE CMOS Universal Programmable Array Logic
logo
Advanced Micro Devices
PAL16V8 AMD-PAL16V8 Datasheet
3Mb / 6P
   EE CMOS 20 PIN UNIVERSAL PROGRAMMABLE ARRAY LOGIC
PALCE16V8 AMD-PALCE16V8 Datasheet
224Kb / 26P
   EE CMOS 20-Pin Universal Programmable Array Logic
logo
Lattice Semiconductor
PALCE20V8 LATTICE-PALCE20V8 Datasheet
518Kb / 27P
   EE CMOS 24-Pin Universal Programmable Array Logic
logo
Advanced Micro Devices
PALCE20V8 AMD-PALCE20V8 Datasheet
235Kb / 16P
   EE CMOS 24-Pin Universal Programmable Array Logic
PALCE29MA16 AMD-PALCE29MA16 Datasheet
353Kb / 25P
   24-Pin EE CMOS Programmable Array Logic
PALCE29M16H-25 AMD-PALCE29M16H-25 Datasheet
302Kb / 22P
   24-Pin EE CMOS Programmable Array Logic
PAL16R8 AMD-PAL16R8 Datasheet
1Mb / 33P
   20-PIN TTL PROGRAMMABLE ARRAY LOGIC
PAL16L8B AMD-PAL16L8B Datasheet
271Kb / 33P
   20-Pin TTL Programmable Array Logic
logo
Lattice Semiconductor
MACH435-12 LATTICE-MACH435-12 Datasheet
254Kb / 30P
   High-Density EE CMOS Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com