Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4004G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

No. de pieza 1N4004G
Descripción Electrónicos  Glass Passivated Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N4004G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  1N4004G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N4004G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N4004G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1N4004G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CREAT BY ART
PART NO.
PART NO.
1N4007G
1N4007G
1N4007G
(TA=25℃ unless otherwise noted)
Document Number: DS_D1405008
Version: M14
PACKAGE
PACKING
PREFERRED P/N
1N400xG
(Note 1)
1N4001G thru 1N4007G
Taiwan Semiconductor
ORDERING INFORMATION
AEC-Q101
QUALIFIED
PACKING CODE GREEN COMPOUND
CODE
RATINGS AND CHARACTERISTICS CURVES
1N4007G A0
1N4007G A0G
A0
G
Prefix "H"
A0
Suffix "G"
DO-41
3,000 / Ammo box (52mm taping)
R0
DO-41
5,000 / 13" Paper reel
R1
DO-41
5,000 / 13" Paper reel (Reverse)
B0
DO-41
1,000 / Bulk packing
AEC-Q101
QUALIFIED
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
Note 1: "x" defines voltage from 50V (1N4001G) to 1000V (1N4007G)
EXAMPLE
1N4007GHA0
A0
Green compound
H
A0
AEC-Q101 qualified
0
0.5
1
1.5
0
25
50
75
100
125
150
AMBIENT TEMPERATURE(oC)
FIG.1 MAXMUM FORWARD CURRENT DERATING
CURVE
0
5
10
15
20
25
30
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 2 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 4 TYPICAL REVERSE CHARACTERISTICS
TJ=25℃
TJ=125℃
TJ=75℃
0.1
1
10
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
FORWARD VOLTAGE (V)
FIG. 3 TYPICAL FORWARD CHARACTERISTICS


Número de pieza similar - 1N4004G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
1N4004G PHILIPS-1N4004G Datasheet
40Kb / 5P
   Rectifiers(Rugged glass package, using a high temperature alloyed construction)
1996 May 24
logo
Microdiode Electronics ...
1N4004G CHENDA-1N4004G Datasheet
667Kb / 2P
   GLASS PASSIVATED GENERAL PURPOSE RECTIFIER
logo
Diotech Company.
1N4004G DIOTECH-1N4004G Datasheet
826Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
Leshan Radio Company
1N4004G LRC-1N4004G Datasheet
51Kb / 2P
   1A GENERAL PURPOSE GPP DIODES
logo
DIOTEC Electronics Corp...
1N4004G DEC-1N4004G Datasheet
826Kb / 2P
   Glass Passivated Die Construction
More results

Descripción similar - 1N4004G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
1N4001SG TSC-1N4001SG_14 Datasheet
181Kb / 4P
   Glass Passivated Rectifiers
1N5400G TSC-1N5400G_14 Datasheet
199Kb / 4P
   Glass Passivated Rectifiers
logo
Galaxy Semi-Conductor H...
SF21G BILIN-SF21G Datasheet
111Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
P600AG HY-P600AG Datasheet
34Kb / 2P
   GLASS PASSIVATED RECTIFIERS
1N4001G HY-1N4001G Datasheet
35Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
Compact Technology Corp...
1N5400G CTC-1N5400G Datasheet
184Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
RL251G HY-RL251G_18 Datasheet
184Kb / 3P
   Glass Passivated Rectifiers
RL201G HY-RL201G_18 Datasheet
177Kb / 3P
   Glass Passivated Rectifiers
logo
DACO SEMICONDUCTOR CO.,...
GR301G DACO-GR301G Datasheet
853Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
P600AG HY-P600AG_17 Datasheet
134Kb / 3P
   GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com