Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC847BFZ Datasheet(PDF) 6 Page - Diodes Incorporated

No. de pieza BC847BFZ
Descripción Electrónicos  45V NPN SMALL SIGNAL TRANSISTOR IN DFN0606
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC847BFZ Datasheet(HTML) 6 Page - Diodes Incorporated

  BC847BFZ_15 Datasheet HTML 1Page - Diodes Incorporated BC847BFZ_15 Datasheet HTML 2Page - Diodes Incorporated BC847BFZ_15 Datasheet HTML 3Page - Diodes Incorporated BC847BFZ_15 Datasheet HTML 4Page - Diodes Incorporated BC847BFZ_15 Datasheet HTML 5Page - Diodes Incorporated BC847BFZ_15 Datasheet HTML 6Page - Diodes Incorporated BC847BFZ_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
BC847BFZ
Document number: DS37157 Rev. 2 - 2
6 of 7
www.diodes.com
March 2015
© Diodes Incorporated
BC847BFZ
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
X2-DFN0606-3
Dim
Min
Max
Typ
A
0.36
0.42
0.39
A1
0
0.05
0.02
b
0.10
0.20
0.15
D
0.57
0.67
0.62
D2
0.155 BSC
D3
0.185 BSC
E
0.57
0.67
0.62
E2
0.40
0.60
0.50
e
0.35 BSC
k
0.16 REF
L
0.09
0.21
0.15
L2
0.11
0.31
0.21
All Dimensions in mm
Dimensions
Value (in mm)
C
0.350
X
0.280
X1
0.350
X2
0.760
Y
0.200
Y1
0.600
A
A1
Seating Plane
D
E
L(2x)
k
b(2x)
e
E2
L2
e/2
D2
D3
X
Y
C
Y1
X1
X2


Número de pieza similar - BC847BFZ_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
BC847BFZ-7B DIODES-BC847BFZ-7B Datasheet
217Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR IN DFN0606
March 2015
More results

Descripción similar - BC847BFZ_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
BC847BFZ DIODES-BC847BFZ Datasheet
217Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR IN DFN0606
March 2015
BC857BFZ DIODES-BC857BFZ_15 Datasheet
480Kb / 7P
   45V PNP SMALL SIGNAL TRANSISTOR IN DFN0606
BC857BFZ DIODES-BC857BFZ Datasheet
479Kb / 7P
   45V PNP SMALL SIGNAL TRANSISTOR IN DFN0606
May 2015
MMBT3904FZ DIODES-MMBT3904FZ_15 Datasheet
504Kb / 7P
   40V NPN SMALL SIGNAL TRANSISTOR IN DFN0606
MMBT3904FZ DIODES-MMBT3904FZ Datasheet
504Kb / 7P
   40V NPN SMALL SIGNAL TRANSISTOR IN DFN0606
BCW66H DIODES-BCW66H_15 Datasheet
201Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
BC847BLP4 DIODES-BC847BLP4_15 Datasheet
307Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN DFN1006
BC817-16Q DIODES-BC817-16Q Datasheet
304Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
BCW66H DIODES-BCW66H Datasheet
200Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
April 2013 Rev. 5 - 2
BC817-16W DIODES-BC817-16W_15 Datasheet
144Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com