Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4148 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

No. de pieza 1N4148
Descripción Electrónicos  500mW High Speed Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N4148 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  1N4148 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N4148 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N4148 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1N4148 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Small Signal Product
PART NO.
Note 1: "xxxx" is device code from 1N4148 to 1N914B
Note 2: Part No. Suffix „-xx “ would be used for special requirement
PART NO.
Min
Max
Min
Max
A
0.34
0.60
0.013
0.024
B
2.90
5.08
0.114
0.200
C
25.40
38.10
1.000
1.500
D
1.30
2.28
0.051
0.090
Document Number: DS_S1410004
Version: H14
R0
G
1N4148/1N4448/1N914B
PART NO.
SUFFIX
ORDERING INFORMATION
PACKING CODE
PACKING CODE
SUFFIX
DESCRIPTION
Multiple manufacture
source
Halogen free
Taiwan Semiconductor
PACKAGE
PACKING CODE
SUFFIX
PART NO.
SUFFIX (Note 2)
PACKING CODE
EXAMPLE
PREFERRED
PART NO.
PACKING
-xx
1Nxxxx
(Note1)
R0
GDO-35
10K / 14" Reel
A0
5K / Box (Ammo)
L0
R0
G
Define manufacture
source
Halogen free
B0
R0
G
Define manufacture
source
Halogen free
1N4148
1N4148
1N4148
1N4148 R0G
1N4148-B0 R0G
1N4148-L0 R0G
PACKAGE OUTLINE DIMENSION
DIM.
Unit (mm)
Unit (inch)
MARKING DIAGRAM
1N
XX
XX


Número de pieza similar - 1N4148

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Won-Top Electronics
1N4148 WTE-1N4148 Datasheet
42Kb / 4P
   FAST SWITCHING DIODE
logo
NXP Semiconductors
1N4148 PHILIPS-1N4148 Datasheet
128Kb / 9P
   High-speed diodes
2004 Aug 10
1N4148 PHILIPS-1N4148 Datasheet
57Kb / 8P
   High-speed diodes
1999 May 25
logo
Micro Commercial Compon...
1N4148 MCC-1N4148 Datasheet
239Kb / 4P
   Metalurgically Bonded Construction Low Current Leakage High Reliability
logo
SEMTECH ELECTRONICS LTD...
1N4148 SEMTECH_ELEC-1N4148 Datasheet
256Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
More results

Descripción similar - 1N4148

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shanghai Lunsure Electr...
1N4148WX CHENYI-1N4148WX Datasheet
69Kb / 2P
   High Speed Switching Diode 500mW
logo
Taiwan Semiconductor Co...
1N4148 TSC-1N4148_10 Datasheet
228Kb / 3P
   500mW High Speed Switching Diode
1N914B TSC-1N914B Datasheet
102Kb / 2P
   500mW High Speed Switching Diode
logo
Micro Commercial Compon...
1N4148WX MCC-1N4148WX Datasheet
99Kb / 2P
   High Speed Switching Diode 500mW
1N4148W MCC-1N4148W Datasheet
94Kb / 2P
   High Speed Switching Diode 500mW
1N4148WX MCC-1N4148WX_11 Datasheet
165Kb / 3P
   High Speed Switching Diode 500mW
logo
Taiwan Semiconductor Co...
TS4148-RXG TSC-TS4148-RXG Datasheet
205Kb / 3P
   500mW High Speed SMD Switching Diode
LL4148 TSC-LL4148_09 Datasheet
104Kb / 2P
   500mW High Speed SMD Switching Diode
TS4148RXG TSC-TS4148RXG_14 Datasheet
208Kb / 4P
   500mW High Speed SMD Switching Diode
LL4148 TSC-LL4148_12 Datasheet
330Kb / 3P
   500mW High Speed SMD Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com