Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5397 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

No. de pieza 1N5397
Descripción Electrónicos  Silicon Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N5397 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  1N5397 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N5397 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N5397 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1N5397 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CREAT BY ART
assumes no responsibility or liability for any errors inaccuracies.
Information contained herein is intended to provide a product description only. No license, express or implied,to
any intellectual property rights is granted by this document. Except as provided in TSC's terms and conditions of
sale for such products, TSC assumes no liability whatsoever, and disclaims any express or implied warranty,
relating to sale and/or use of TSC products including liability or warranties relating to fitness for a particular purpose,
merchantability, or infringement of any patent, copyright, or other intellectual property right.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications.
Customers using or seling these products for use in such applications do so at their own risk and agree to fully
indemnify TSC for any damages resulting from such improper use or sale.
Document Number: DS_D1406009
Version: D14
1N5391 thru 1N5399
Notice
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf,
Taiwan Semiconductor


Número de pieza similar - 1N5397

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Yangzhou yangjie electr...
1N5397 YANGJIE-1N5397 Datasheet
690Kb / 2P
   1.5 AMPS.SILICON RECTIFIERS
logo
Pan Jit International I...
1N5397 PANJIT-1N5397 Datasheet
47Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
logo
Compact Technology Corp...
1N5397 CTC-1N5397 Datasheet
61Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Dc Components
1N5397 DCCOM-1N5397 Datasheet
412Kb / 2P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
logo
Galaxy Semi-Conductor H...
1N5397 BILIN-1N5397 Datasheet
281Kb / 2P
   PLASTIC SILICON RECTIFIERS
More results

Descripción similar - 1N5397

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EIC discrete Semiconduc...
BYW27-50 EIC-BYW27-50 Datasheet
15Kb / 2P
   SILICON RECTIFIERS
logo
Yangzhou yangjie electr...
30A YANGJIE-30A Datasheet
263Kb / 2P
   SILICON RECTIFIERS
logo
Taiwan Semiconductor Co...
1N5400 TSC-1N5400_14 Datasheet
181Kb / 4P
   Silicon Rectifiers
logo
Guangdong Juxing Electr...
RL201 JUXING-RL201 Datasheet
3Mb / 2P
   SILICON RECTIFIERS
logo
New Jersey Semi-Conduct...
N3260-73 NJSEMI-N3260-73 Datasheet
64Kb / 1P
   Silicon Rectifiers
1N3260 NJSEMI-1N3260 Datasheet
171Kb / 1P
   Silicon Rectifiers
logo
Guangdong Juxing Electr...
6A05 JUXING-6A05 Datasheet
417Kb / 2P
   SILICON RECTIFIERS
logo
Guangdong Kexin Industr...
KLL4001 KEXIN-KLL4001 Datasheet
32Kb / 1P
   Silicon Rectifiers
logo
Diotec Semiconductor
1N5391 DIOTEC-1N5391 Datasheet
177Kb / 2P
   Silicon Rectifiers
BY251 DIOTEC-BY251 Datasheet
188Kb / 2P
   Silicon Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com