Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDWX5F1C Datasheet(PDF) 4 Page - Seoul Semiconductor

No. de pieza SDWX5F1C
Descripción Electrónicos  Enable High Flux and Cost Efficient System
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEOUL [Seoul Semiconductor]
Página de inicio  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SDWX5F1C Datasheet(HTML) 4 Page - Seoul Semiconductor

  SDWX5F1C Datasheet HTML 1Page - Seoul Semiconductor SDWX5F1C Datasheet HTML 2Page - Seoul Semiconductor SDWX5F1C Datasheet HTML 3Page - Seoul Semiconductor SDWX5F1C Datasheet HTML 4Page - Seoul Semiconductor SDWX5F1C Datasheet HTML 5Page - Seoul Semiconductor SDWX5F1C Datasheet HTML 6Page - Seoul Semiconductor SDWX5F1C Datasheet HTML 7Page - Seoul Semiconductor SDWX5F1C Datasheet HTML 8Page - Seoul Semiconductor SDWX5F1C Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Rev4.0, October 29, 2014
www.seoulsemicon.com
Product Data Sheet
SDWx5F1C
– Chip on Board
4
Product Performance & Characterization Guide
Notes :
Part Number
CCT (K)
[1]
Typical Luminous Flux [2],
ФV [3] (lm)
Typical Forward Voltage,
VF [4] (V)
Typ.
1A *
1A *
SDW05F1C
5600
4680
34.3
5000
4770
34.3
4500
4680
34.3
4000
4662
34.3
SDW85F1C
5600
4341
34.3
5000
4415
34.3
4000
4257
34.3
3500
4165
34.3
3000
4072
34.3
2700
3916
34.3
SDW95F1C
4000
3567
34.3
3500
3372
34.3
3000
3306
34.3
2700
3219
34.3
(1) Correlated Color Temperature is derived from the CIE 1931 Chromaticity diagram. Color
coordinate :
0.01, CCT 5% tolerance.
(2) Seoul Semiconductor maintains a tolerance of ±7% on flux and power measurements.
(3) Ф
V is the total luminous flux output as measured with an integrating sphere.
(4) Tolerance is ±3% on forward voltage measurements.
(5) Tolerance is ±2 on CRI measurements.
* No values are provided by real measurement. Only for reference purpose.
Table 3. Electro Optical Characteristics, T
j=85ºC


Número de pieza similar - SDWX5F1C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seoul Semiconductor
SDWX1F1B SEOUL-SDWX1F1B Datasheet
696Kb / 26P
   Enable High Flux and Cost Efficient System
SDWX1F1C SEOUL-SDWX1F1C Datasheet
737Kb / 27P
   Enable High Flux and Cost Efficient System
SDWX2F1C SEOUL-SDWX2F1C Datasheet
762Kb / 27P
   Enable High Flux and Cost Efficient System
SDWX3F1C SEOUL-SDWX3F1C Datasheet
757Kb / 27P
   Enable High Flux and Cost Efficient System
SDWX4F1C SEOUL-SDWX4F1C Datasheet
796Kb / 27P
   Enable High Flux and Cost Efficient System
More results

Descripción similar - SDWX5F1C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seoul Semiconductor
SDWX3F1C SEOUL-SDWX3F1C Datasheet
757Kb / 27P
   Enable High Flux and Cost Efficient System
SDWX4F1C SEOUL-SDWX4F1C Datasheet
796Kb / 27P
   Enable High Flux and Cost Efficient System
SDWX7F1C SEOUL-SDWX7F1C Datasheet
514Kb / 25P
   Enable High Flux and Cost Efficient System
SDWX6F1C SEOUL-SDWX6F1C Datasheet
849Kb / 24P
   Enable High Flux and Cost Efficient System
SDWX1F1C SEOUL-SDWX1F1C Datasheet
737Kb / 27P
   Enable High Flux and Cost Efficient System
SAW82F1D SEOUL-SAW82F1D Datasheet
886Kb / 21P
   Enable High Flux and Cost Efficient System
SDWX2F1C SEOUL-SDWX2F1C Datasheet
762Kb / 27P
   Enable High Flux and Cost Efficient System
SDW81F1DY SEOUL-SDW81F1DY Datasheet
669Kb / 24P
   Enable High Flux and Cost Efficient System
SAW81F1D SEOUL-SAW81F1D Datasheet
882Kb / 21P
   Enable High Flux and Cost Efficient System
SDWX1F1B SEOUL-SDWX1F1B Datasheet
696Kb / 26P
   Enable High Flux and Cost Efficient System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com