Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMJQ-XC95W4PX Datasheet(PDF) 2 Page - Seoul Semiconductor

No. de pieza SMJQ-XC95W4PX
Descripción Electrónicos  Integrated AC LED Solution
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEOUL [Seoul Semiconductor]
Página de inicio  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SMJQ-XC95W4PX Datasheet(HTML) 2 Page - Seoul Semiconductor

  SMJQ-XC95W4PX Datasheet HTML 1Page - Seoul Semiconductor SMJQ-XC95W4PX Datasheet HTML 2Page - Seoul Semiconductor SMJQ-XC95W4PX Datasheet HTML 3Page - Seoul Semiconductor SMJQ-XC95W4PX Datasheet HTML 4Page - Seoul Semiconductor SMJQ-XC95W4PX Datasheet HTML 5Page - Seoul Semiconductor SMJQ-XC95W4PX Datasheet HTML 6Page - Seoul Semiconductor SMJQ-XC95W4PX Datasheet HTML 7Page - Seoul Semiconductor SMJQ-XC95W4PX Datasheet HTML 8Page - Seoul Semiconductor SMJQ-XC95W4PX Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
www.seoulsemicon.com
Product Data Sheet
2
SMJQ-XC95W4PX
– Acrich3 95W
Rev1.0
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
Table of Contents
Index
Product Brief
1
Table of Contents
2
Performance Characteristics
3
Characteristic Graph
5
Color Bin Structure
8
Part List
10
Mechanical Dimensions
12
Circuit Drawing
13
Marking Information
14
Packing & Label Information
15
Handling of Silicone Resin for LEDs
17
Precaution for Use
18
Company Information
20


Número de pieza similar - SMJQ-XC95W4PX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seoul Semiconductor
SMJQ-XCA5W4PX SEOUL-SMJQ-XCA5W4PX Datasheet
3Mb / 20P
   Integrated AC LED Solution
More results

Descripción similar - SMJQ-XC95W4PX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seoul Semiconductor
SMJD-XV16W2P SEOUL-SMJD-XV16W2P Datasheet
1Mb / 27P
   Integrated AC LED Solution
SMJE-XV08W1P SEOUL-SMJE-XV08W1P Datasheet
1Mb / 26P
   Integrated AC LED Solution
SMJD-XH16W4PX SEOUL-SMJD-XH16W4PX Datasheet
1Mb / 28P
   Integrated AC LED Solution
SMJE-XD12W4PX SEOUL-SMJE-XD12W4PX Datasheet
1Mb / 25P
   Integrated AC LED Solution
SMJE-XV08W2P4 SEOUL-SMJE-XV08W2P4 Datasheet
907Kb / 24P
   Integrated AC LED Solution
SMJD-XD16W4PX SEOUL-SMJD-XD16W4PX Datasheet
1Mb / 25P
   Integrated AC LED Solution
SMJD-XG16W4PX SEOUL-SMJD-XG16W4PX Datasheet
1Mb / 28P
   Integrated AC LED Solution
SMJE-XD08W4PX SEOUL-SMJE-XD08W4PX Datasheet
1Mb / 25P
   Integrated AC LED Solution
SMJL-2C24W4P3 SEOUL-SMJL-2C24W4P3 Datasheet
886Kb / 26P
   Integrated AC LED Solution
SMJC-XV08W2P4 SEOUL-SMJC-XV08W2P4 Datasheet
976Kb / 23P
   Integrated AC LED Solution
SMJD-XV12W2P SEOUL-SMJD-XV12W2P Datasheet
1Mb / 26P
   Integrated AC LED Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com