Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMJQ-XCA5W4PX Datasheet(PDF) 10 Page - Seoul Semiconductor

No. de pieza SMJQ-XCA5W4PX
Descripción Electrónicos  Integrated AC LED Solution
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEOUL [Seoul Semiconductor]
Página de inicio  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SMJQ-XCA5W4PX Datasheet(HTML) 10 Page - Seoul Semiconductor

Back Button SMJQ-XCA5W4PX Datasheet HTML 6Page - Seoul Semiconductor SMJQ-XCA5W4PX Datasheet HTML 7Page - Seoul Semiconductor SMJQ-XCA5W4PX Datasheet HTML 8Page - Seoul Semiconductor SMJQ-XCA5W4PX Datasheet HTML 9Page - Seoul Semiconductor SMJQ-XCA5W4PX Datasheet HTML 10Page - Seoul Semiconductor SMJQ-XCA5W4PX Datasheet HTML 11Page - Seoul Semiconductor SMJQ-XCA5W4PX Datasheet HTML 12Page - Seoul Semiconductor SMJQ-XCA5W4PX Datasheet HTML 13Page - Seoul Semiconductor SMJQ-XCA5W4PX Datasheet HTML 14Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Rev1.0
www.seoulsemicon.com
Product Data Sheet
10
SMJQ-XCA5W4PX - Acrich3 105W
Part List
Table 4-1. Part List
No
Part
Reference
Specification
Quantity
1
PCB
-
Al, ø 145, T=1.6, 1 layer / Cu 2oz / White PSR
1
2
LED
-
SAW0LA0A @120Vac
98
SAW0LH0A @220Vac
84
3
IC
U1~U7
DT3007C @120Vac
7
DT3007B @220Vac
7
4
Fuse
F1
250V, 2A
1
5
Varistor
V1~V4
391Vac
4
6
Bridge Diode
BD1
600V, 1A
1
7
TVS
Z1~Z7
440V, 600W, 5%, Unidirectional
7
8
DIODE
D2
RS1010FL(1000V 1A)
1
9
ZENER
DIODE
Z8
MMSZ5258B
1
10
Resistor
R1~R14
R6432, 22
Ω, 5%(J)
14
11
R15,R17,R19,R21,R23,
R25,R27
R2012, 12K
Ω, 1%(F) @120Vac
7
12
R2012, 16K
Ω, 1%(F) @220Vac
7
13
R16,R18,R20,R22,R24,
R26,R28
R2012, 21K
Ω, 1%(F) @120Vac
7
14
R2012, 16K
Ω, 1%(F) @220Vac
7
15
R29~R35
R2012, 2M
Ω, 5%(J)
7
16
R36~R42
R2012, 68K
Ω, 5%(J) @120Vac
7
17
R2012, 39K
Ω, 5%(J) @220Vac
7
18
R43
-
-
19
R44,R45
R3216, 160K
Ω, 5%(J)
2
20
R46
R3216, 300
Ω, 5%(J)
1
21
J1~J6
6432, 0Ω, 5%(J)
6


Número de pieza similar - SMJQ-XCA5W4PX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seoul Semiconductor
SMJQ-XC95W4PX SEOUL-SMJQ-XC95W4PX Datasheet
2Mb / 20P
   Integrated AC LED Solution
More results

Descripción similar - SMJQ-XCA5W4PX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seoul Semiconductor
SMJD-XV16W2P SEOUL-SMJD-XV16W2P Datasheet
1Mb / 27P
   Integrated AC LED Solution
SMJE-XV08W1P SEOUL-SMJE-XV08W1P Datasheet
1Mb / 26P
   Integrated AC LED Solution
SMJD-XH16W4PX SEOUL-SMJD-XH16W4PX Datasheet
1Mb / 28P
   Integrated AC LED Solution
SMJE-XD12W4PX SEOUL-SMJE-XD12W4PX Datasheet
1Mb / 25P
   Integrated AC LED Solution
SMJE-XV08W2P4 SEOUL-SMJE-XV08W2P4 Datasheet
907Kb / 24P
   Integrated AC LED Solution
SMJD-XD16W4PX SEOUL-SMJD-XD16W4PX Datasheet
1Mb / 25P
   Integrated AC LED Solution
SMJD-XG16W4PX SEOUL-SMJD-XG16W4PX Datasheet
1Mb / 28P
   Integrated AC LED Solution
SMJE-XD08W4PX SEOUL-SMJE-XD08W4PX Datasheet
1Mb / 25P
   Integrated AC LED Solution
SMJL-2C24W4P3 SEOUL-SMJL-2C24W4P3 Datasheet
886Kb / 26P
   Integrated AC LED Solution
SMJC-XV08W2P4 SEOUL-SMJC-XV08W2P4 Datasheet
976Kb / 23P
   Integrated AC LED Solution
SMJD-XV12W2P SEOUL-SMJD-XV12W2P Datasheet
1Mb / 26P
   Integrated AC LED Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com