Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAS116 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

No. de pieza BAS116
Descripción Electrónicos  225mW, SMD Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAS116 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BAS116_15 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAS116_15 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAS116_15 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAS116_15 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Small Signal Product
(TA=25°C unless otherwise noted)
Document Number: DS_S1412037
Version: D15
RATINGS AND CHARACTERISTICS CURVES
BAS116
Taiwan Semiconductor
1
10
100
1000
10000
0
20406080
100
120
Reverse Voltage (V)
Fig. 2 Reverse Current vs. Reverse Voltage
0
50
100
150
200
250
0
25
50
75
100
125
150
175
Ambient Temperature (oC)
Fig. 3
Fig. 3 Admissible Power Dissipation Curve
0
0.4
0.8
1.2
1.6
2
04
8
12
16
20
Reverse Voltage (V)
Fig. 4 Typical Junction Capacitance
0.01
0.1
1
10
100
1000
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Instantaneous Forward Voltage (V)
Fig. 1 Typical Forward Characteristics


Número de pieza similar - BAS116_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
BAS116 SECOS-BAS116_15 Datasheet
266Kb / 3P
   Surface Mount Switching Diode
logo
Diodes Incorporated
BAS116 DIODES-BAS116_15 Datasheet
83Kb / 4P
   SURFACE MOUNT LOW LEAKAGE DIODE
logo
NXP Semiconductors
BAS116 PHILIPS-BAS116_15 Datasheet
124Kb / 8P
   Low-leakage diode
2003 Dec 12
logo
Pan Jit International I...
BAS116 PANJIT-BAS116_15 Datasheet
132Kb / 5P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
More results

Descripción similar - BAS116_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
BAS16 TSC-BAS16_09 Datasheet
96Kb / 2P
   225mW SMD Switching Diode
BAS70 TSC-BAS70_14 Datasheet
187Kb / 4P
   225mW SMD Switching Diode
BAS16 TSC-BAS16_14 Datasheet
211Kb / 4P
   225mW SMD Switching Diode
BAS21 TSC-BAS21_10 Datasheet
125Kb / 3P
   225mW SMD Switching Diode
BAW56 TSC-BAW56_14 Datasheet
125Kb / 4P
   225mW SMD Switching Diode
logo
Zibo Seno Electronic En...
BAW56 ZSELEC-BAW56 Datasheet
75Kb / 2P
   225mW SMD Switching Diode
logo
Taiwan Semiconductor Co...
BAV99 TSC-BAV99 Datasheet
165Kb / 2P
   225mW SMD Switching Diode
BAW56 TSC-BAW56_10 Datasheet
486Kb / 3P
   225mW SMD Switching Diode
BAS21 TSC-BAS21_14 Datasheet
218Kb / 5P
   225mW SMD Switching Diode
BAV99L TSC-BAV99L Datasheet
227Kb / 4P
   225mW SMD Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com