Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAT42W Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

No. de pieza BAT42W
Descripción Electrónicos  Surface Mount, Switching Schottky Barrier Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAT42W Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BAT42W_14 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAT42W_14 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAT42W_14 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAT42W_14 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BAT42W_14 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Small Signal Product
RATINGS AND CHARACTERISTICS CURVES
(TA=25℃ unless otherwise noted)
Document Number: DS_S1412009
Version: E14
BAT42W/BAT43W
Taiwan Semiconductor
0.01
0.1
1
10
100
1000
10
100
1000
Instantaneous Forward Voltage (mV)
Fig.1 Typical Forward Characteristics
BAT43W
BAT42W
1
10
100
100
1000
Forward Voltage (mV)
Fig. 2 Typical Forward Characteristics
BAT42W
BAT43W
9.5
10.5
11.5
12.5
13.5
14.5
15.5
10
100
1000
Reverse Voltage (mV)
Fig. 3 Typical Reverse Characteristics
BAT42W
BAT43W
0
20
40
60
80
100
120
2
8
14
20
26
32
Reverse Voltage (V)
Fig. 4 Typical Reverse Characteristics
BAT43W
BAT42W


Número de pieza similar - BAT42W_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
BAT42W DIODES-BAT42W_1 Datasheet
222Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30016 Rev. 15 - 2
logo
Micro Commercial Compon...
BAT42W MCC-BAT42W_13 Datasheet
244Kb / 3P
   200mW Schottky Diodes 30 Volts For General Purpose applications
logo
SeCoS Halbleitertechnol...
BAT42W SECOS-BAT42W_15 Datasheet
233Kb / 2P
   0.2 AMP Schottky Barrier Rectifiers
logo
Vishay Siliconix
BAT42W VISHAY-BAT42W_15 Datasheet
85Kb / 5P
   Small Signal Schottky Diode
Rev. 1.8, 25-Feb-13
logo
Diodes Incorporated
BAT42W DIODES-BAT42W_15 Datasheet
141Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Descripción similar - BAT42W_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
SD101AW TSC-SD101AW_14 Datasheet
198Kb / 5P
   Surface Mount, Switching Schottky Barrier Diode
logo
Micro Commercial Compon...
MMBD4448 MCC-MMBD4448 Datasheet
93Kb / 3P
   Surface Mount Schottky Barrier Switching Diode 350mW
logo
Shanghai Lunsure Electr...
MMBD4448 CHENYI-MMBD4448 Datasheet
61Kb / 3P
   Surface mount schottky barrier switching diode 350mW
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS KEXIN-SD103BWS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS40 SEMTECH_ELEC-BAS40 Datasheet
119Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS402SD GTM-GS402SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com