Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCX6825 Datasheet(PDF) 2 Page - Diodes Incorporated

No. de pieza BCX6825
Descripción Electrónicos  20V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BCX6825 Datasheet(HTML) 2 Page - Diodes Incorporated

  BCX6825_15 Datasheet HTML 1Page - Diodes Incorporated BCX6825_15 Datasheet HTML 2Page - Diodes Incorporated BCX6825_15 Datasheet HTML 3Page - Diodes Incorporated BCX6825_15 Datasheet HTML 4Page - Diodes Incorporated BCX6825_15 Datasheet HTML 5Page - Diodes Incorporated BCX6825_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BCX6825
Datasheet Number: DS33010 Rev. 5 - 2
2 of 6
www.diodes.com
October 2012
© Diodes Incorporated
BCX6825
A Product Line of
Diodes Incorporated
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
25
V
Collector-Emitter Voltage
VCEO
20
V
Emitter-Base Voltage
VEBO
5
V
Continuous Collector Current
IC
1
A
Peak Pulse Current
ICM
2
A
Base Current
IB
100
mA
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector Power Dissipation
PD
1
W
Thermal Resistance, Junction to Ambient Air (Note 6)
RθJA
125
°C/W
Thermal Resistance, Junction to Leads (Note 7)
RθJL
10.01
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
ESD Ratings (Note 8)
Characteristic
Symbol
Value
Unit
JEDEC Class
Electrostatic Discharge - Human Body Model
ESD HBM
≥ 8,000
V
3B
Electrostatic Discharge - Machine Model
ESD MM
≥ 400
V
C
Notes:
6. For a device surface mounted on 15mm X 15mm FR4 PCB with high coverage of single sided 1 oz copper, in still air conditions; device measured when
operating in steady state condition.
7. Thermal resistance from junction to solder-point (on the exposed collector pad).
8. Refer to JEDEC specification JESD22-A114 and JESD22-A115.


Número de pieza similar - BCX6825_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
BCX6825Q DIODES-BCX6825Q Datasheet
780Kb / 6P
   20V NPN MEDIUM POWER TRANSISTOR IN SOT89
November 2015 Rev. 1 - 2
BCX6825QTA DIODES-BCX6825QTA Datasheet
327Kb / 5P
   20V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
BCX6825QTA DIODES-BCX6825QTA Datasheet
780Kb / 6P
   20V NPN MEDIUM POWER TRANSISTOR IN SOT89
November 2015 Rev. 1 - 2
BCX6825TA DIODES-BCX6825TA Datasheet
327Kb / 5P
   20V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
More results

Descripción similar - BCX6825_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
BCX6825 DIODES-BCX6825 Datasheet
327Kb / 5P
   20V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
BCX6825Q DIODES-BCX6825Q Datasheet
780Kb / 6P
   20V NPN MEDIUM POWER TRANSISTOR IN SOT89
November 2015 Rev. 1 - 2
FCX491A DIODES-FCX491A_15 Datasheet
256Kb / 7P
   40V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
FCX493 DIODES-FCX493_15 Datasheet
290Kb / 6P
   100V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
FCX493 DIODES-FCX493 Datasheet
312Kb / 5P
   SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX491A DIODES-FCX491A Datasheet
342Kb / 7P
   40V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
BSR43 DIODES-BSR43 Datasheet
47Kb / 1P
   SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX491TA DIODES-FCX491TA Datasheet
27Kb / 1P
   SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX491 DIODES-FCX491 Datasheet
27Kb / 1P
   SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Zetex Semiconductors
BC868 ZETEX-BC868 Datasheet
27Kb / 1P
   SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com