Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA0714A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

No. de pieza TA0714A
Descripción Electrónicos  SAW Filter 1575.42MHz 2 MHz BW SMD 1.4X1.1 mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Página de inicio  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0714A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0714A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0714A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0714A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0714A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0714A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0714A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0714A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 1575.42MHz 2 MHz BW SMD 1.4X1.1 mm
MODEL NO.:TA0714A
REV. NO.:2
A. MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. DC Voltage : 3V
3. Operating Temperature: -40°C to +85°C
4. Storage Temperature: -55°C to +95°C
B. ELECTRICAL CHARACTERISTICS:
Terminating source impedance
:
Zs = 50 Ω
Terminating load impedance
:
ZL = 50 Ω
Item
Unit
Min.
Type.
Max. Note
Center Frequency
Fc MHz
-
1575.42
-
-
Max. Insertion Loss (1574.42~1576.42 MHz)
IL dB
-
1.1
1.6
-
Amplitude ripple (1574.42~1576.42 MHz)
dB
-
0.1
0.5
-
VSWR (1574.42~1576.42 MHz)
-
1.3
1.9
-
Attenuation
100~960
MHz
dB
25
27.5
-
-
960~1460
MHz
dB
25
28
-
-
1460~1513
MHz
dB
25
28
-
-
1648~1710
MHz
dB
15
19
-
-
1710~1990
MHz
dB
20
24
-
-
1990~2300
MHz
dB
25
31
-
-
2300~4000
MHz
dB
25
30
-
-
4000~6000
MHz
dB
20
24
-
-
RoHS Compliant
Lead free
Lead-free soldering


Número de pieza similar - TA0714A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Allen-Bradley
TA071 ALLEN-BRADLEY-TA071 Datasheet
11Mb / 114P
   IEC Contactor Specifications
2021
logo
TAI-SAW TECHNOLOGY CO.,...
TA0710A TAI-SAW-TA0710A Datasheet
372Kb / 6P
   SAW Filter 448MHz SMD 3.8횞3.8mm
logo
Golledge Electronics Lt...
TA0710A GOLLEDGE-TA0710A Datasheet
196Kb / 5P
   SAW Filter 448MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0711A TAI-SAW-TA0711A Datasheet
280Kb / 8P
   SAW Filter 1972.5 MHz SMD 3.0X3.0 mm
logo
Golledge Electronics Lt...
TA0711A GOLLEDGE-TA0711A Datasheet
88Kb / 7P
   SAW Filter 1972.50MHz
More results

Descripción similar - TA0714A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TA0918A TAI-SAW-TA0918A Datasheet
151Kb / 7P
   SAW Filter 1575.42MHz 2MHz BW SMD 1.4X1.1 mm
TA0935A TAI-SAW-TA0935A Datasheet
150Kb / 7P
   SAW Filter 1575.42MHz 2MHz BW SMD 1.4X1.1 mm
TA0757BC TAI-SAW-TA0757BC Datasheet
266Kb / 7P
   SAW Filter 1575.42 MHz SMD 1.4X1.1 mm (BW=2 MHz)
TA1343D TAI-SAW-TA1343D Datasheet
307Kb / 8P
   SAW Filter 1583 MHz (BW 46.79MHz) SMD 1.4X1.1 mm
TA1775A TAI-SAW-TA1775A Datasheet
469Kb / 7P
   SAW Filter 403.5 MHz SMD 1.4X1.1 mm (BW=5 MHz)
TA2711AA1325 TAI-SAW-TA2711AA1325 Datasheet
731Kb / 7P
   SAW Filter 875 MHz (BW 10MHz) SMD 1.4X1.1 mm
TA2630A TAI-SAW-TA2630A Datasheet
703Kb / 8P
   SAW Filter 1740 MHz (BW 60MHz) SMD 1.4X1.1 mm
TA2716AA1325 TAI-SAW-TA2716AA1325 Datasheet
476Kb / 7P
   SAW Filter 2355 MHz (BW 10MHz) SMD 1.4X1.1 mm
TA1834C TAI-SAW-TA1834C Datasheet
533Kb / 8P
   SAW Filter 2441.75 MHz SMD 1.4x1.1 mm (BW=83.5 MHz)
TA2538A TAI-SAW-TA2538A Datasheet
616Kb / 6P
   SAW Filter 1246.5 MHz SMD 1.4x1.1 mm (BW=63 MHz)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com