Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS15PL06G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

No. de pieza TS15PL06G
Descripción Electrónicos  15A, 600V - 800V Low VF- Low Noise Single-Phase Single In-Line Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS15PL06G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS15PL06G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS15PL06G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS15PL06G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS15PL06G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATINGS AND CHARACTERISTICS CURVES
(TA=25°C unless otherwise noted)
Document Number: DS_D1411010
Version: D15
TS15PL05G - TS15PL06G
Taiwan Semiconductor
ORDER INFORMATION (EXAMPLE)
0
3
6
9
12
15
18
0
20
40
60
80
100
120
140
160
CASE TEMPERATURE (oC)
FIG.1 MAXIMUM DERATING CURVE FOR OUTPUT
CURRENT
RESISTIVE OR
INDUCTIVE LOAD
WITH HEATSINK
0
50
100
150
200
250
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3 MAXIMUM SURGE CURRENT
8.3ms Single Half Sine Wave
0.01
0.1
1
10
100
0
20406080
100
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 4 TYPICAL REVERSE CHARACTERISTICS
TJ=25°C
TJ=125°C
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
INSTANTANEOUS FORWARD VOLTAGE (A)
FIG. 2 TYPICAL FORWARD CHARACTERISTICS
TJ=25°C
TJ=125°C
TS15PL05G D2G
Green compound code
Packing code
Part no.


Número de pieza similar - TS15PL06G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS15P01G TSC-TS15P01G Datasheet
49Kb / 2P
   Single Phase 15.0 AMPS. Glass Passivated Bridge Rectifiers
TS15P01G TSC-TS15P01G Datasheet
224Kb / 2P
   Single Phase 15.0 AMPS. Glass Passivated Bridge Rectifiers
TS15P01G TSC-TS15P01G Datasheet
139Kb / 2P
   Single Phase 15.0 AMPS. Glass Passivated Bridge Rectifiers
TS15P01G TSC-TS15P01G Datasheet
219Kb / 4P
   Glass Passivated Bridge Rectifiers
TS15P01G TSC-TS15P01G Datasheet
207Kb / 4P
   15A, 50V - 1000V Glass Passivated Bridge Rectifiers
More results

Descripción similar - TS15PL06G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
GBU15L05 TSC-GBU15L05 Datasheet
207Kb / 4P
   15A, 600V Low VF, Low Noise Single-Phase Single In-Line Bridge Rectifiers
TS25PL05G TSC-TS25PL05G Datasheet
219Kb / 4P
   25A, 600V Low VF- Low Noise Single-Phase Single In-Line Bridge Rectifier
logo
Vishay Siliconix
GBUE2560 VISHAY-GBUE2560_V01 Datasheet
143Kb / 5P
   Low VF Single-Phase Single In-Line Bridge Rectifier
01-Jan-2022
logo
Taiwan Semiconductor Co...
GBU15L05 TSC-GBU15L05_16 Datasheet
218Kb / 4P
   Low VF, Low Noise Single-Phase Single In-Line Bridge Rectifiers
logo
Vishay Siliconix
LVB1560 VISHAY-LVB1560_V01 Datasheet
113Kb / 5P
   Low VF Single-Phase Single In-Line Bridge Rectifiers
01-Jan-2022
LVE2560 VISHAY-LVE2560 Datasheet
119Kb / 5P
   Low VF Single-Phase Single In-Line Bridge Rectifiers
Revision: 09-Jul-2020
LVB1560 VISHAY-LVB1560 Datasheet
90Kb / 4P
   Low VF Single-Phase Single In-Line Bridge Rectifiers
Revision: 20-Dec-10
LVB2560 VISHAY-LVB2560 Datasheet
91Kb / 4P
   Low VF Single-Phase Single In-Line Bridge Rectifiers
Revision: 20-Dec-10
LVB2560 VISHAY-LVB2560_V01 Datasheet
114Kb / 5P
   Low VF Single-Phase Single In-Line Bridge Rectifiers
01-Jan-2022
LVE1560 VISHAY-LVE1560_V01 Datasheet
120Kb / 5P
   Low VF Single-Phase Single In-Line Bridge Rectifiers
01-Jan-2022
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com