Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS4448RW Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

No. de pieza TS4448RW
Descripción Electrónicos  350mW High Speed SMD Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4448RW Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS4448RW_15 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4448RW_15 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS4448RW_15 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS4448RW_15 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Small Signal Product
(TA=25°C unless otherwise noted)
Document Number: DS_S1501011
Version: D15
TS4448 RW
Taiwan Semiconductor
RATINGS AND CHARACTERISTICS CURVES
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
Reverse Voltage (V)
Fig. 2 Reverse Current VS. Reverse Voltage
0.6
0.7
0.8
0.9
1.0
1.1
1.2
02468
10
Reverse Voltage (V)
Fig. 4 Typical Junction Capacitance
1
10
100
1000
10000
0.01
0.1
1
10
100
Forward Current (mA)
Fig. 5 Forward Resistance VS. Forward Current
0
70
140
210
280
350
420
0
25
50
75
100
125
150
Ambient Temperature (oC)
Fig. 3 Admissible Power Dissipation Curve
0.01
0.1
1
10
100
1000
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Forward Voltage (V)
Fig. 1 Typical Forward Characteristics


Número de pieza similar - TS4448RW_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS4448RW TSC-TS4448RW Datasheet
137Kb / 2P
   350mW High Speed SMD Switching Diode
More results

Descripción similar - TS4448RW_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS4148RWG TSC-TS4148RWG Datasheet
164Kb / 2P
   350mW High Speed SMD Switching Diode
TS4148RW TSC-TS4148RW Datasheet
96Kb / 2P
   350mW High Speed SMD Switching Diode
TS4448RW TSC-TS4448RW Datasheet
137Kb / 2P
   350mW High Speed SMD Switching Diode
logo
Shanghai Lunsure Electr...
BAS16W CHENYI-BAS16W Datasheet
64Kb / 2P
   High Speed Switching Diode 350mW
logo
Micro Commercial Compon...
BAS16W MCC-BAS16W_13 Datasheet
225Kb / 3P
   High Speed Switching Diode 350mW
BAS16W MCC-BAS16W Datasheet
95Kb / 2P
   High Speed Switching Diode 350mW
BAS16WX MCC-BAS16WX Datasheet
97Kb / 2P
   High Speed Switching Diode 350mW
BAS16WXH MCC-BAS16WXH Datasheet
335Kb / 3P
   High Speed Switching Diode 350mW
BAS16WX MCC-BAS16WX_13 Datasheet
251Kb / 3P
   High Speed Switching Diode 350mW
BAS16WX MCC-BAS16WX_11 Datasheet
212Kb / 3P
   High Speed Switching Diode 350mW
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com