Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BYG20G Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza BYG20G
Descripción Electrónicos  Ultrafast Avalanche SMD Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYG20G Datasheet(HTML) 3 Page - Vishay Siliconix

  BYG20G Datasheet HTML 1Page - Vishay Siliconix BYG20G Datasheet HTML 2Page - Vishay Siliconix BYG20G Datasheet HTML 3Page - Vishay Siliconix BYG20G Datasheet HTML 4Page - Vishay Siliconix BYG20G Datasheet HTML 5Page - Vishay Siliconix BYG20G Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BYG20D-M3/HM3, BYG20G-M3/HM3, BYG20J-M3/HM3
www.vishay.com
Vishay General Semiconductor
Revision: 19-Feb-15
3
Document Number: 89473
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current vs. Forward Voltage
Fig. 2 - Max. Average Forward Current vs. Ambient Temperature
Fig. 3 - Reverse Current vs. Junction Temperature
Fig. 4 - Max. Reverse Power Dissipation vs. Junction Temperature
Fig. 5 - Diode Capacitance vs. Reverse Voltage
Fig. 6 - Reverse Recovery Time vs. Forward Current
0.001
0.01
0.1
1
10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Forward Voltage (V)
T
J = 25 °C
T
J = 150 °C
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
100
80
60
40
20
0
120
140
160
Ambient Temperature (°C)
V
R = VRRM
Half Sine-Wave
RθJA ≤ 25 K/W
RθJA ≤ 125 K/W
RθJA ≤ 150 K/W
1
10
100
25
50
75
100
125
150
Junction Temperature (°C)
V
R = VRRM
P
R - Limit
at 100 % V
R
0
10
20
30
40
70
25
50
75
100
125
150
Junction Temperature (°C)
V
R = VRRM
P
R - Limit
at 80 % V
R
50
60
0
5
10
15
20
25
30
0.1
1
10
100
f = 1 MHz
Reverse Voltage (V)
0
0.2
0.4
0.6
0.8
0
100
200
300
400
600
1.0
500
I
R = 0.5 A, iR = 0.125 A
Forward Current (A)
T
A = 125 °C
T
A = 100 °C
T
A = 75 °C
T
A = 25 °C
T
A = 50 °C


Número de pieza similar - BYG20G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
BYG20G VISHAY-BYG20G Datasheet
59Kb / 5P
   Fast Silicon Mesa SMD Rectifier
Rev. 3, 24-Jun-98
BYG20G VISHAY-BYG20G Datasheet
108Kb / 5P
   Ultrafast Avalanche SMD Rectifier
Revision: 27-Aug-07
logo
EIC discrete Semiconduc...
BYG20G EIC-BYG20G Datasheet
151Kb / 2P
   ULTRAFAST AVALANCHE RECTIFIERS
logo
Shenzhen Luguang Electr...
BYG20G LUGUANG-BYG20G Datasheet
170Kb / 2P
   Ultra Fast SMD Rectifiers
logo
Shenzhen Taychipst Elec...
BYG20G TAYCHIPST-BYG20G Datasheet
3Mb / 2P
   Fast Silicon Mesa SMD Rectifier
More results

Descripción similar - BYG20G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
BYG20J-TR VISHAY-BYG20J-TR Datasheet
93Kb / 5P
   Ultrafast Avalanche SMD Rectifier
Revision: 21-Dec-11
BYG20D VISHAY-BYG20D_V01 Datasheet
109Kb / 5P
   Ultrafast Avalanche SMD Rectifier
01-Jan-2022
BYG20J-E3 VISHAY-BYG20J-E3 Datasheet
93Kb / 5P
   Ultrafast Avalanche SMD Rectifier
Revision: 21-Dec-11
BYG22B-TR VISHAY-BYG22B-TR Datasheet
92Kb / 5P
   Ultrafast Avalanche SMD Rectifier
Revision: 30-Oct-13
BYG22A VISHAY-BYG22A_V01 Datasheet
109Kb / 5P
   Ultrafast Avalanche SMD Rectifier
01-Jan-2022
BYG23M VISHAY-BYG23M_V01 Datasheet
105Kb / 5P
   Ultrafast Avalanche SMD Rectifier
01-Jan-2022
BYG22A VISHAY-BYG22A Datasheet
109Kb / 5P
   Ultrafast Avalanche SMD Rectifier
Revision: 27-Aug-07
BYG23M VISHAY-BYG23M_07 Datasheet
101Kb / 4P
   Ultrafast Avalanche SMD Rectifier
Revision: 27-Aug-07
BYG22DTR3 VISHAY-BYG22DTR3 Datasheet
94Kb / 5P
   Ultrafast Avalanche SMD Rectifier
Revision: 21-Dec-11
BYG22A-M3 VISHAY-BYG22A-M3 Datasheet
96Kb / 5P
   Ultrafast Avalanche SMD Rectifier
Revision: 19-Feb-15
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com