Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA1676A Datasheet(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

No. de pieza TA1676A
Descripción Electrónicos  SAW Filter 445 MHz 20MHz BW SMD 3.8횞3.8mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Página de inicio  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1676A Datasheet(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1676A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1676A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1676A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1676A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1676A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1676A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1676A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-02
TST DCC
Release document
Passband response: (span 50MHz)
S11 & S22 VSWR: (span 50MHz)


Número de pieza similar - TA1676A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Golledge Electronics Lt...
TA1676A GOLLEDGE-TA1676A Datasheet
176Kb / 6P
   SAW Filter 445.0MHz
More results

Descripción similar - TA1676A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TA1675A TAI-SAW-TA1675A Datasheet
383Kb / 7P
   SAW Filter 428 MHz 20MHz BW SMD 3.8횞3.8mm
TA1634A TAI-SAW-TA1634A Datasheet
261Kb / 7P
   SAW Filter 443 MHz 20MHz BW SMD 3.8횞3.8mm
TA1421A TAI-SAW-TA1421A Datasheet
338Kb / 7P
   SAW Filter 452.5 MHz SMD 3.8횞3.8mm (BW=4.8MHz)
TA1635A TAI-SAW-TA1635A Datasheet
263Kb / 7P
   SAW Filter 427.5 MHz 15MHz BW SMD 3.8횞3.8mm
TA1636A TAI-SAW-TA1636A Datasheet
236Kb / 7P
   SAW Filter 412.5 MHz 19MHz BW SMD 3.8횞3.8mm
TA1636B TAI-SAW-TA1636B Datasheet
248Kb / 7P
   SAW Filter 412.5 MHz 19MHz BW SMD 3.8횞3.8mm
TB0754B TAI-SAW-TB0754B Datasheet
162Kb / 7P
   SAW Filter 104 MHz(BW=20MHz) SMD 13.3mmX6.5mm
TB0755A TAI-SAW-TB0755A Datasheet
358Kb / 7P
   SAW Filter 167.5 MHz(BW=20MHz) SMD 13.3mmX6.5mm
TB0754A TAI-SAW-TB0754A Datasheet
357Kb / 7P
   SAW Filter 104 MHz(BW=20MHz) SMD 13.3mmX6.5mm
TA1677A TAI-SAW-TA1677A Datasheet
387Kb / 7P
   SAW Filter 462 MHz 20MHz BW SMD 3.8x3.8mm
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com