Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPD75P068 Datasheet(PDF) 5 Page - NEC

No. de pieza UPD75P068
Descripción Electrónicos  4 BIT SINGLE-CHIP MICROCOMPUTER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

UPD75P068 Datasheet(HTML) 5 Page - NEC

  UPD75P068 Datasheet HTML 1Page - NEC UPD75P068 Datasheet HTML 2Page - NEC UPD75P068 Datasheet HTML 3Page - NEC UPD75P068 Datasheet HTML 4Page - NEC UPD75P068 Datasheet HTML 5Page - NEC UPD75P068 Datasheet HTML 6Page - NEC UPD75P068 Datasheet HTML 7Page - NEC UPD75P068 Datasheet HTML 8Page - NEC UPD75P068 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
5
µPD75P068
Function
4-bit input port (PORT0).
For P01-P03, pull-up resistors can be
provided by software in units of 3 bits.
With noise elimination function
4-bit input port (PORT1).
Pull-up resistors can be provided by
software in units of 4 bits.
4-bit I/O port (PORT2).
Pull-up resistors can be provided by
software in units of 4 bits.
Programmable 4-bit I/O port (PORT3).
I/O can be specified bit by bit.
Pull-up resistors can be provided by
software in units of 4 bits.
N-ch open-drain 4-bit I/O port (PORT4).
Withstand voltage of 10 V
Data input-output (low-order 4 bits) when
writing to and verifying program memory
(PROM)
N-ch open-drain 4-bit I/O port (PORT5).
Withstand voltage of 10 V
Data input-output (high-order 4 bits)
when writing to and verifying program
memory (PROM)
Programmable 4-bit I/O port (PORT6).
Pull-up resistors can be provided by
software in units of 4 bits.
4-bit input port (PORT11)
1.
PIN FUNCTIONS
1.1
PORT PINS
When reset
Input
Input
Input
Input
High
Impedance
High
Impedance
Input
Input
8 bit
I/O
×
×
×
×
q
q
×
×
Shared pin
INT4
SCK
SO/SB0
SI/SB1
INT0
INT1
INT2
TI0
PTO0
PCL
BUZ
MD0
MD1
MD2
MD3
KR0/AN4
KR1/AN5
KR2/AN6
KR3/AN7
AN0
AN1
AN2
AN3
Pin
P00
P01
P02
P03
P10
P11
P12
P13
P20
P21
P22
P23
P30Note 2
P31Note 2
P32Note 2
P33Note 2
P40-P43Note 2
P50-P53Note 2
P60
P61
P62
P63
P110
P111
P112
P113
Input/
output
Input
I/O
I/O
I/O
Input
I/O
I/O
I/O
I/O
I/O
Input
B
F-A
F-B
M-C
B-C
E-B
E-B
M-A
M-A
Y-D
Y-A
I/O
circuit
typeNote 1
Notes 1. The circle (q
q) indicates the Schmitt trigger input.
2. Can directly drive the LED.


Número de pieza similar - UPD75P068

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
UPD75P068 RENESAS-UPD75P068 Datasheet
546Kb / 42P
   MOS INTEGRATED CIRCUIT
1993
UPD75P068CU RENESAS-UPD75P068CU Datasheet
546Kb / 42P
   MOS INTEGRATED CIRCUIT
1993
UPD75P068GB-3B4 RENESAS-UPD75P068GB-3B4 Datasheet
546Kb / 42P
   MOS INTEGRATED CIRCUIT
1993
More results

Descripción similar - UPD75P068

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75517 NEC-UPD75517 Datasheet
1Mb / 180P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD7566A NEC-UPD7566A Datasheet
471Kb / 58P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75P308 NEC-UPD75P308 Datasheet
333Kb / 34P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
   4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
   4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
   4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com