Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SB250 Datasheet(PDF) 1 Page - Rugao Dachang Electronics Co., Ltd

No. de pieza SB250
Descripción Electrónicos  PLASTIC SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DACHANG [Rugao Dachang Electronics Co., Ltd]
Página de inicio  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

SB250 Datasheet(HTML) 1 Page - Rugao Dachang Electronics Co., Ltd

  SB250 Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd SB250 Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SB220 ...... SB2100
塑封肖特基二极管
SIYU R
·正向压降低。
Low Forward Voltage Drop
·大电流承受能力。
High Current Capability
·高温焊接保证
High temperature soldering guaranteed:
260℃/10 秒, 0.375" (9.5mm)引线长度。
260℃/10 seconds, 0.375" (9.5mm) lead length,
·引线可承受
5 磅 (2.3kg) 拉力。 5 lbs. (2.3kg) tension
机械数据 Mechanical Data
·端子
: 镀锡轴向引线 Terminals: Plated axial leads
·极性
: 色环端为负极 Polarity: Color band denotes cathode end
·安装位置
: 任意 Mounting Position: Any
特征
Features
PLASTIC SCHOTTKY
BARRIER RECTIFIER
1.0(25.4)
MIN
.300(7.6)
.230(5.8)
1.0(25.4)
MIN
.140(3.6)
.104(2.6)
DIA
DIA
.034(0.9)
.028(0.7)
DO-15
Unit:inch(mm)
大昌电子
DACHANG ELECTRONICS
21
SB
220
SB
230
30
2.0
50
0.5
45
SB
240
20
40
14
28
120
SB
250
SB
280
50
80
35
56
0.5
0.7
90
V
V
A
V
A
mA
/W
pF
单位
Unit
V
VR(RMS)
最大正向平均整流电流
最大峰值反向电压
最大反向有效值电压
-55 --- +150
VRRM
IFM
最大正向电压降
IF = 2.0A
VF
正向峰值浪涌电流 8.3mS单一正弦半波
IFSM
最大反向漏电流
IR
典型热阻
工作温度和存储温度
RθJA
Tj, TSTG
典型结电容
VR = 4.0V f = 1.0MHz
Cj
TA = 25℃
TA = 100℃
Maximum repetitive peak reverse voltage
Maximum RMS voltage
最大直流阻断电压
Maximum DC blocking voltage
Maximum average forward rectified current
Maximum forward voltage
Peak forward surge current 8.3 ms single half sine-wave
Maximum reverse current
Typical thermal resistance
Operating junction and storage temperature range
Type junction capacitance
极限值和电参数
TA = 25℃ 除非另有规定。
Maximum Ratings & Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
符号
Symbols
VDC
30
20
40
50
80
SB
260
60
42
60
SB
2100
100
70
100
0.85
80
·引线和管体皆符合RoHS标准 。
Lead and body according with RoHS standard
10


Número de pieza similar - SB250

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
SB250 LRC-SB250 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB250 PANJIT-SB250 Datasheet
41Kb / 2P
   2 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes)
logo
Diode Semiconductor Kor...
SB250 DSK-SB250 Datasheet
258Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Semikron International
SB250 SEMIKRON-SB250 Datasheet
133Kb / 2P
   Schottky barrier rectifiers diodes
logo
SAMYANG ELECTRONICS CO....
SB250 SAMYANG-SB250 Datasheet
526Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Descripción similar - SB250

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rugao Dachang Electroni...
20SQ020 DACHANG-20SQ020 Datasheet
117Kb / 2P
   PLASTIC SCHOTTKY BARRIER RECTIFIER
SB320 DACHANG-SB320 Datasheet
118Kb / 2P
   PLASTIC SCHOTTKY BARRIER RECTIFIER
SB2150 DACHANG-SB2150 Datasheet
116Kb / 2P
   PLASTIC SCHOTTKY BARRIER RECTIFIER
20SQ020 DACHANG-20SQ020_15 Datasheet
117Kb / 2P
   PLASTIC SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SB220S VISHAY-SB220S_15 Datasheet
79Kb / 5P
   Schottky Barrier Plastic Rectifier
Revision: 20-Jan-14
logo
Rugao Dachang Electroni...
SB120 DACHANG-SB120_15 Datasheet
116Kb / 2P
   PLASTIC SCHOTTKY BARRIER RECTIFIER
1N5817 DACHANG-1N5817_15 Datasheet
118Kb / 2P
   PLASTIC SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SB220S VISHAY-SB220S_V01 Datasheet
75Kb / 4P
   Schottky Barrier Plastic Rectifier
01-Jan-2022
SB220 VISHAY-SB220_V01 Datasheet
74Kb / 5P
   Schottky Barrier Plastic Rectifier
01-Jan-2022
SB340-E3 VISHAY-SB340-E3 Datasheet
76Kb / 4P
   Schottky Barrier Plastic Rectifier
Revision: 13-Aug-13
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com