Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS19378 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

No. de pieza TS19378
Descripción Electrónicos  2A Buck (Step-down) WLED Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19378 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS19378_15 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19378_15 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19378_15 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19378_15 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19378_15 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19378_15 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19378_15 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TS19378
Taiwan Semiconductor
Document Number: DS_P0000199
4
Version: B15
TYPICAL APPLICATION CIRCUIT
AC Input Application Circuit
ILED
R5
C1
L1
350mA
0.570Ω
70mW
100μF
33μH
750mA
0.266Ω
150mW
220μF
1000mA
0.200Ω
200mW
330μF
APPLICATION INFORMATION
PWM Control
The TS19378 consists of DC/DC converters that employ a pulse-width modulation (PWM) system. In converters of
the TS19378, the pulse width varies in a range from 0 to 100%, according to the load current. The ripple voltage
produced by the switching can easily be removed through a filter because the switching frequency remains constant.
Therefore, these converters provide a low-ripple power over broad ranges of input voltage and load current
Setting ILED Current
Application circuit item shows the basic application circuit with TS19378 adjustable output version. The external
resistor sets the LED output current according to the following formula:
ILED=(0.25V/R5), VFB=0.2V
Resistor select for LED output current setting
ILED
R2
350mA
0.57Ω
70mW
750mA
0.266Ω
150mW
1000mA
0.2Ω
200mW
Current Limit
The current limit threshold is setting by the internal circuit.
Compensation
In all LED driver applications. Connecting a resistor (R2) and a capacitor (C7) from COMP pin to GND. Please
refer the application circuit table to design.


Número de pieza similar - TS19378_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS19378CS-RLG TSC-TS19378CS-RLG Datasheet
131Kb / 7P
   2A Buck (Step-down) WLED Driver
More results

Descripción similar - TS19378_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS19377 TSC-TS19377 Datasheet
140Kb / 7P
   2A Buck (Step-down) WLED Driver
TS19378 TSC-TS19378 Datasheet
131Kb / 7P
   2A Buck (Step-down) WLED Driver
TS19373 TSC-TS19373_10 Datasheet
259Kb / 9P
   800mA Buck (Step-down) WLED Driver
TS19373 TSC-TS19373 Datasheet
386Kb / 7P
   800mA Buck (Step-down) WLED Driver
TS19372 TSC-TS19372 Datasheet
317Kb / 6P
   Buck (Step-down) WLED Driver with External Switch
TS19372 TSC-TS19372_10 Datasheet
183Kb / 9P
   Buck (Step-down) WLED Driver with External Switch
logo
Diodes Incorporated
AP3419 DIODES-AP3419 Datasheet
471Kb / 9P
   2A STEP-DOWN DC-DC BUCK CONVERTER
AP3402 DIODES-AP3402 Datasheet
474Kb / 10P
   1.0MHZ, 2A STEP-DOWN DC-DC BUCK CONVERTER
AP3429 DIODES-AP3429 Datasheet
690Kb / 11P
   1.0MHZ, 2A STEP-DOWN DC-DC BUCK CONVERTER
logo
List of Unclassifed Man...
LA8303 ETC-LA8303 Datasheet
503Kb / 20P
   300KHz, 2A/23V Step-Down LED Driver
Jun. 11, 2009
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com