Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS29152CM5RN Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

No. de pieza TS29152CM5RN
Descripción Electrónicos  1.5A Ultra Low Dropout Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS29152CM5RN Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS29152CM5RN Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS29152CM5RN Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS29152CM5RN Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS29152CM5RN Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS29152CM5RN Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS29152CM5RN Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS29152CM5RN Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS29152CM5RN Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TS29152
1.5A Ultra Low Dropout Voltage Regulator
2/8
Version: B13
Electrical Characteristics
VIN=VOUT+1V, Venable=2.4V, IL=10mA, Co=10uF, Adjustable versions are programmed to 5V output, TJ=25oC
unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Unit
Output Voltage
0.990|Vo|
VOUT
1.010|Vo|
V
Output Voltage
10mA
≤ I
L
≤ 1.5A,
Vo+1V
≤ V
IN
≤ 26V
0.980|Vo|
1.020|Vo|
Input Supply Voltage
--
--
26
V
Output Voltage Temperature Coefficient
--
20
100
ppm/
oC
Line Regulation
Vo+1V
≤ V
IN
≤ 26V
--
0.05
0.5
%
Load Regulation
10mA
≤ I
L
≤ 1.5A
--
0.2
1.0
%
Dropout Voltage (Note 4)
IL=100mA
IL=750mA
IL=1.5A
--
--
--
80
200
350
200
--
600
mV
Quiescent Current (Note 5)
IL=750mA
IL=1.5A
--
--
8
22
--
--
mA
Short Circuit Current (Note 6)
VOUT =0
--
2.1
3.5
A
Output Noise,
10Hz to 100KHz, IL=100mA
CL=2.2uF
CL=10uF
CL=33uF
--
--
--
600
400
260
--
--
--
uVrm
s
Reference
Reference Voltage
0.980|Vo|
1.24
1.020|Vo|
V
Reference Voltage
10mA
≤ I
L
≤ 1.5A,
2.3V
≤ V
IN
≤ 26V
0.970|Vo|
1.030|Vo|
Adjust Pin Bias Current
--
40
80
nA
Reference Voltage Temperature Coefficient
(Note 7)
--
20
--
ppm/
oC
Adjust Pin Bias Current Temperature
Coefficient
--
0.1
--
nA/
oC
Enable Input
Input Logic Voltage
Low (OFF)
--
--
0.8
V
High (ON)
2.4
--
--
Enable Pin Input Current
VEN =26V
--
--
750
uA
VEN =0.8V
--
--
5
Regulator Output Current Shutdown
VEN
≤ 0.8V, V
IN
≤ 26V,
VOUT =0
--
10
500
uA


Número de pieza similar - TS29152CM5RN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS29152CM5RN TSC-TS29152CM5RN Datasheet
180Kb / 8P
   1.5A Ultra Low Dropout Voltage Regulator
More results

Descripción similar - TS29152CM5RN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Exar Corporation
SPX1583 EXAR-SPX1583 Datasheet
225Kb / 5P
   1.5A Ultra Low Dropout Voltage Regulator
XR71211 EXAR-XR71211 Datasheet
1Mb / 12P
   1.5A Ultra Low Dropout Voltage Regulator
logo
Taiwan Semiconductor Co...
TS29152 TSC-TS29152 Datasheet
180Kb / 8P
   1.5A Ultra Low Dropout Voltage Regulator
TS39151 TSC-TS39151 Datasheet
147Kb / 7P
   1.5A Ultra Low Dropout Positive Voltage Regulator
logo
Gamma Microelectronics ...
GM66150 GAMMA-GM66150 Datasheet
419Kb / 15P
   1.5A ULTRA LOW-DROPOUT REGULATOR
logo
Silicon Standard Corp.
SS8053G SSC-SS8053G Datasheet
444Kb / 3P
   1.5A Ultra Low Dropout Regulator
logo
Taiwan Semiconductor Co...
TS29150 TSC-TS29150 Datasheet
120Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
List of Unclassifed Man...
TS29150 ETC1-TS29150 Datasheet
124Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS39150 TSC-TS39150 Datasheet
116Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815 Datasheet
73Kb / 10P
   1.5A Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com