Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSM2N7002KCXRFG Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

No. de pieza TSM2N7002KCXRFG
Descripción Electrónicos  60V N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM2N7002KCXRFG Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM2N7002KCXRFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM2N7002KCXRFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM2N7002KCXRFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM2N7002KCXRFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM2N7002KCXRFG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM2N7002KCXRFG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TSM2N7002K
60V N-Channel MOSFET
2/6
Version: E14
Electrical Specifications (TA=25
oC, unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VGS =0V, ID =250µA
BVDSS
60
--
--
V
Gate Threshold Voltage
VDS =VGS, ID =250µA
VGS(TH)
1.0
1.5
2.5
V
Gate Body Leakage
VGS =±20V, VDS =0V
IGSS
--
--
±10
µA
Zero Gate Voltage Drain Current
VDS =60V, VGS =0V
IDSS
--
--
1.0
µA
Drain-Source On-State Resistance
VGS =10V, ID =300mA
RDS(ON)
--
1.2
2
VGS =4.5V, ID =200mA
--
2
4
Forward Transconductance
VDS =10V, ID =200mA
gfs
100
--
--
mS
Diode Forward Voltage
IS =300mA, VGS =0V
VSD
--
0.8
1.4
V
Dynamic
b
Total Gate Charge
VDS =10V, ID = 250mA,
VGS =4.5V
Qg
--
0.4
0.6
nC
Input Capacitance
VDS = 25V, VGS = 0V,
f = 1.0MHz
Ciss
--
30
--
pF
Output Capacitance
Coss
--
6
--
Reverse Transfer Capacitance
Crss
--
2.5
--
Switching
c
Turn-On Delay Time
VDD =30V, RG =10Ω
ID =200mA, VGEN =10V,
td(on)
--
--
25
ns
Turn-Off Delay Time
td(off)
--
--
35
Notes:
a. pulse test: PW ≤300µs, duty cycle ≤2%
b. For DESIGN AID ONLY, not subject to production testing.
c. Switching time is essentially independent of operating temperature.


Número de pieza similar - TSM2N7002KCXRFG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TSM2N7002KCXRFG TSC-TSM2N7002KCXRFG Datasheet
245Kb / 7P
   60V N-Channel MOSFET
TSM2N7002KCXRFG TSC-TSM2N7002KCXRFG Datasheet
257Kb / 7P
   60V N-Channel MOSFET
More results

Descripción similar - TSM2N7002KCXRFG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDP65N06 FAIRCHILD-FDP65N06 Datasheet
598Kb / 8P
   60V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3460 AOSMD-AO3460_10 Datasheet
168Kb / 4P
   60V N-Channel MOSFET
AOB462L AOSMD-AOB462L Datasheet
445Kb / 6P
   60V N-Channel MOSFET
AOB2606L AOSMD-AOB2606L Datasheet
354Kb / 7P
   60V N-Channel MOSFET
AON6444 AOSMD-AON6444 Datasheet
270Kb / 7P
   60V N-Channel MOSFET
logo
Chip Integration Techno...
2N7002D CITC-2N7002D Datasheet
502Kb / 6P
   60V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF6010A GOOD-ARK-SSF6010A Datasheet
996Kb / 5P
   60V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP50N06A SEMIHOW-HFP50N06A_16 Datasheet
374Kb / 9P
   60V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF6010 GOOD-ARK-SSF6010 Datasheet
953Kb / 5P
   60V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4440 AOSMD-AO4440_10 Datasheet
172Kb / 4P
   60V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com