Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSM230N06CIC0G Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

No. de pieza TSM230N06CIC0G
Descripción Electrónicos  60V N-Channel Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM230N06CIC0G Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TSM230N06CIC0G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM230N06CIC0G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM230N06CIC0G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM230N06CIC0G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM230N06CIC0G Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM230N06CIC0G Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM230N06CIC0G Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM230N06CIC0G Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TSM230N06
60V N-Channel Power MOSFET
5/8
Version: C14
TO-220 Mechanical Drawing
Unit: Millimeters
Marking Diagram
G = Halogen Free
Y
= Year Code
WW = Week Code (01~52)
F
= Factory Code


Número de pieza similar - TSM230N06CIC0G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TSM230N06PQ56 TSC-TSM230N06PQ56 Datasheet
783Kb / 6P
   60V N-Channel Power MOSFET
TSM230N06PQ56RLG TSC-TSM230N06PQ56RLG Datasheet
783Kb / 6P
   60V N-Channel Power MOSFET
More results

Descripción similar - TSM230N06CIC0G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TSM230N06PQ56 TSC-TSM230N06PQ56 Datasheet
783Kb / 6P
   60V N-Channel Power MOSFET
TSM210N06 TSC-TSM210N06 Datasheet
68Kb / 4P
   60V N-Channel Power MOSFET
TSM60N06 TSC-TSM60N06_15 Datasheet
302Kb / 4P
   60V N-Channel Power MOSFET
TSM340N06 TSC-TSM340N06 Datasheet
924Kb / 9P
   60V N-Channel Power MOSFET
TSM900N06 TSC-TSM900N06 Datasheet
594Kb / 8P
   60V N-Channel Power MOSFET
logo
ACE Technology Co., LTD...
ACE11560LA ACE-ACE11560LA Datasheet
233Kb / 3P
   60V N-Channel Power MOSFET
VER 1.1
logo
Guangdong Youtai Semico...
35N06 UMW-35N06 Datasheet
781Kb / 8P
   60V N-Channel Power Mosfet
25N06 UMW-25N06 Datasheet
780Kb / 8P
   60V N-Channel Power Mosfet
logo
Taiwan Semiconductor Co...
TSM60N06 TSC-TSM60N06 Datasheet
71Kb / 4P
   60V N-Channel Power MOSFET
TSM100N06 TSC-TSM100N06 Datasheet
611Kb / 6P
   60V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com