Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FCZO-12-3Y Datasheet(PDF) 1 Page - PANDUIT CORP.

No. de pieza FCZO-12-3Y
Descripción Electrónicos  QuickNet MTP Fiber Optic Cassettes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANDUIT [PANDUIT CORP.]
Página de inicio  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

FCZO-12-3Y Datasheet(HTML) 1 Page - PANDUIT CORP.

  FCZO-12-3Y Datasheet HTML 1Page - PANDUIT CORP. FCZO-12-3Y Datasheet HTML 2Page - PANDUIT CORP. FCZO-12-3Y Datasheet HTML 3Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.panduit.com
A.
System
Overview
B.
Copper
Systems
C.
Fiber
Optic
Systems
D.
Power
over
Ethernet
E.
Zone
Cabling
F.
Wireless
G.
Outlets
H.
Media
Distribution
I.
Physical
Infrastructure
Management
J.
Overhead &
Underfloor
Routing
K.
Surface
Raceway
L.
Cabinets,
Racks &
Cable
Management
M.
Grounding &
Bonding
N.
Industrial
O.
Labeling &
Identification
P.
Cable
Management
Accessories
Q.
Index
PHYSICAL INFRASTRUCTURE SOLUTIONS
QuickNet MTP* Fiber Optic Cassettes
• Compatible with Opticom ® QuickNet Rack Mount Fiber
Cassette Enclosures on page C.54, Opticom ® Zero RU
Cable Management Solutions on page C.57, and
Opticom ® Wall Mount Enclosures on page C.60,
for up to 96 fiber connections in 1RU
• Low insertion loss of 0.5dB max. per optimized cassette
and 1.0dB max. per standard cassette; ensures system
meets IEEE 802.3ae max. channel loss specification
of <2.6dB
• Return loss: >26dB (10Gig multimode), >20dB
(multimode), >55dB (singlemode)
• Adapter housing colors follow TIA/EIA-568-C.3 suggested
color identification scheme
• Connect together with high-density female MTP* cable
assemblies as interconnecting network segments for
deploying a remote or data center location in minutes
• Significantly reduce installation time and labor by
eliminating field connector terminations
• Factory terminated, assembled, and 100% tested
• Insertion loss data provided on every fiber cassette
• Return loss data provided on all singlemode
fiber cassettes
• Lifetime traceability of test data to a Q.C. number on
each fiber cassette
FCX-12-3SY
FCX-12-3Y
FCXO-24-10Y
• 10Gig OM3 50/125µm Fiber Cassettes are tested per
IEEE 802.3ae 10 GbE to support network transmission
speeds up to 10 Gb/s for link lengths up to 300 meters
and up to 550 meters for OM4 at 850nm; backward
compatible with all 50/125µm (OM2) MPO or MTP*
system requirements
For MTP* Connector Cleaning Tools, see page C.109.
*MTP is a registered trademark of US Conec Ltd.
For service and technical support, call 866-405-6654 (outside the U.S. and Canada, see
catalog back cover).
Table continues on page C.48
Part Number
Part Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Optimized 10Gig 50/125µm (OM4) Multimode MTP* Cassettes
FCZO-12-10Y
Optimized OM4 10Gig QuickNet six LC duplex adapters to one
male MTP* connector. Method A.
1
10
FCZO-12-10BY
Optimized OM4 10Gig QuickNet six LC duplex adapters to one
male MTP* connector. Modified Method A – pair flipped
wiring scheme.
1
10
FCZO-24-10Y
Optimized OM4 10Gig QuickNet twelve LC duplex adapters to
two male MTP* connectors. Method A.
1
10
FCZO-24-10BY
Optimized OM4 10Gig QuickNet twelve LC duplex adapters to
two male MTP* connectors. Modified Method A – pair flipped
wiring scheme.
1
10
FCZO-12-3Y
Optimized OM4 10Gig QuickNet six SC duplex adapters to one
male MTP* connector. Method A.
1
10
Optimized 10Gig 50/125µm (OM3) Multimode SFQ Series MTP* Cassettes
FCXO-12-10Y
Optimized OM3 10Gig 50/125µm six LC duplex adapters to one
male 12-fiber pre-terminated MTP*connector.
1
10
FCXO-12-10BY
Optimized OM3 10Gig QuickNet six LC duplex adapters to one
male MTP* connector. Modified Method A – pair flipped
wiring scheme.
1
10
FCXO-24-10Y
Optimized OM3 10Gig 50/125µm twelve LC duplex adapters to two
male 12-fiber pre-terminated MTP*connectors.
1
10
FCXO-24-10BY
Optimized OM3 10Gig QuickNet twelve LC duplex adapters to
two male MTP* connectors. Modified Method A – pair flipped
wiring scheme.
1
10
FCXO-12-3Y
Optimized OM3 10Gig 50/125µm six SC duplex adapters to one
male 12-fiber pre-terminated MTP* connector.
1
10
10Gig 50/125µm (OM4) Multimode MTP* Cassettes
FCZ-12-10Y
OM4 10Gig QuickNet six LC duplex adapters to one male
MTP* connector. Method A.
1
10
FCZ-12-10BY
OM4 10Gig QuickNet six LC duplex adapters to one male
MTP* connector. Modified Method A – pair flipped wiring scheme.
1
10
FCZ-24-10Y
OM4 10Gig QuickNet twelve LC duplex adapters to two male
MTP* connectors. Method A.
1
10
FCZ-24-10BY
OM4 10Gig QuickNet twelve LC duplex adapters to two male
MTP* connectors. Modified Method A – pair flipped wiring scheme.
1
10
FCZ-12-3Y
OM4 10Gig QuickNet six SC duplex adapters to one male
MTP* connector. Method A.
1
10


Número de pieza similar - FCZO-12-3Y

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
YEONHO ELECTRONICS
FCZ100C-04RR-K YEONHO-FCZ100C-04RR-K Datasheet
360Kb / 1P
   1.00mm PITCH CONNECTOR
FCZ100C-04RS-K YEONHO-FCZ100C-04RS-K Datasheet
360Kb / 1P
   1.00mm PITCH CONNECTOR
FCZ100C-04RS-K YEONHO-FCZ100C-04RS-K Datasheet
851Kb / 1P
   1.00mm PITCH CONNECTOR
FCZ100C-04RS-K YEONHO-FCZ100C-04RS-K_07 Datasheet
851Kb / 1P
   1.00mm PITCH CONNECTOR
FCZ100C-05RR-K YEONHO-FCZ100C-05RR-K Datasheet
360Kb / 1P
   1.00mm PITCH CONNECTOR
More results

Descripción similar - FCZO-12-3Y

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
86181-0000 MOLEX-86181-0000 Datasheet
148Kb / 4P
   Fiber Optic MT and MTP / MPO Cable Assemblies
logo
PANDUIT CORP.
FCE1U PANDUIT-FCE1U Datasheet
92Kb / 2P
   Opticom짰 QuickNet Rack Mount Fiber Cassette Enclosures
F9E10-10M3Y PANDUIT-F9E10-10M3Y Datasheet
315Kb / 2P
   Opticom QuickNet Rack Mount Fiber Cassette Enclosures
logo
Molex Electronics Ltd.
88530-2003 MOLEX11-88530-2003 Datasheet
31Kb / 1P
   MTP/APC-to-MTP/APC, Singlemode, 9/125m, Simplex, 8 Fiber, Bare, Enhanced, Standard Fiber Optic Cable Assembly, 4.0m
logo
Tripp Lite. All Rights ...
N844-LOOP-12F TRIPPLITE-N844-LOOP-12F Datasheet
157Kb / 2P
   MTP / MPO Fiber Optic Loopback Tester (Multimode 50/125um, OM3) - Female
logo
Molex Electronics Ltd.
88530-2004 MOLEX11-88530-2004 Datasheet
31Kb / 1P
   MTP/APC-to-MTP/APC, Singlemode, 9/125m, Simplex, 8 Fiber, Bare, Enhanced,Standard Fiber Optic Cable Assembly, 5.0m
logo
Tripp Lite. All Rights ...
N482-04U TRIPPLITE-N482-04U Datasheet
166Kb / 2P
   Enclosure for 28 High-Density Fiber Cassettes, 4U
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Molex Electronics Ltd.
0885302003 MOLEX10-0885302003 Datasheet
102Kb / 2P
   MTP/APC-to-MTP/APC, Singlemode, 9/125關m, Simplex, 8 Fiber, Bare, Enhanced, Standard Fiber Optic Cable Assembly, 4.0m (13.12)
0885302004 MOLEX10-0885302004 Datasheet
82Kb / 2P
   MTP/APC-to-MTP/APC, Singlemode, 9/125關m, Simplex, 8 Fiber, Bare, Enhanced, Standard Fiber Optic Cable Assembly, 5.0m (16.40)
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com