Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

UPD78363A Datasheet(PDF) 5 Page - NEC

No. de Pieza. UPD78363A
Descripción  16/8-BIT SINGLE-CHIP MICROCONTROLLERS
Descarga  96 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo 

UPD78363A Datasheet(HTML) 5 Page - NEC

 
Zoom Inzoom in Zoom Outzoom out
 5 / 96 page
background image
µPD78363A, 78365A, 78366A, 78368A
5
125 ns (internal clock: 16 MHz, external clock: 8 MHz)
24K bytes
None
32K bytes
48K bytes
768 bytes
2K bytes
64K bytes (externally expandable)
8 bits
× 16 × 8 banks
115
• 16-bit transfer/operation
• Multiplication/division (16 bits
× 16 bits, 32 bits ÷ 16 bits)
• Bit manipulation
• String
• Sum-of-products operation (16 bits
× 16 bits + 32 bits)
• Relative operation
14 (of which 8 are shared with analog input)
49
31
49
• 16-bit timer
× 1
10-bit dead time timer
× 3
16-bit compare register
× 4
2 kinds of output mode can be selected
Mode 0, set-reset output: 6 channels
Mode 1, buffer output: 6 channels
• 16-bit timer
× 1
16-bit compare register
× 1
• 16-bit timer
× 1
16-bit capture register
× 1
16-bit capture/compare register
× 1
• 16-bit timer
× 1
16-bit capture register
× 2
16-bit capture/compare register
× 1
• 16-bit timer
× 1
16-bit compare register
× 2
16-bit resolution PWM output: 1 channel
Pulse outputs associated with real-time pulse unit: 4 lines
8-/9-/10-/12-bit resolution variable PWM output: 2 channels
10-bit resolution, 8 channels
Dedicated baud rate generator
UART (w/pin selection function):
1 channel
Clocked serial interface/SBI:
1 channel
• External: 6, internal: 14 (of which 2 are multiplexed with external)
• 4 priority levels can be specified through software
• 3 types of interrupt processing modes selectable
(vectored interrupt, macro service, and context switching)
80-pin plastic QFP (14
× 20 mm)
• Watchdog timer
• Standby function (HALT and STOP modes)
FUNCTIONAL OUTLINE
Minimum instruction
execution time
Internal memory
ROM
RAM
Memory space
General-purpose registers
Number of basic instructions
Instruction set
I/O lines
Input
I/O
Real-time pulse unit
Real-time output port
PWM unit
A/D converter
Serial interface
Interrupt function
Package
Others
Product name
Item
µPD78363A
µPD78365A
µPD78366A
µPD78368A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn