Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

UPD78363A Datasheet(PDF) 1 Page - NEC

No. de Pieza. UPD78363A
Descripción  16/8-BIT SINGLE-CHIP MICROCONTROLLERS
Descarga  96 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo 

UPD78363A Datasheet(HTML) 1 Page - NEC

 
Zoom Inzoom in Zoom Outzoom out
 1 / 96 page
background image
©
1995
DATA SHEET
The information in this document is subject to change without notice.
The mark
shows major revised points.
DESCRIPTION
µPD78366A is provided with a high-speed, high-performance CPU and powerful operation functions. Unlike the
existing
µPD78328, µPD78366A is also provided with a high-resolution PWM signal output function which
substantially contributes to improving the performance of the inverter control.
A PROM model,
µPD78P368A, is also available.
Detailed functions, etc. are described in the following user’s manual. Be sure to read the manual to design systems.
µPD78366A User’s Manual Hardware: U10205E
µPD78356 User’s Manual
: U12117E
FEATURES
Internal 16-bit architecture, external 8-bit data bus
High-speed processing by pipeline control method and high- speed operating clock
• Minimum instruction execution time: 125 ns (internal clock: at 16 MHz, external clock: 8 MHz)
Real-time pulse unit for inverter control
10-bit resolution A/D converter: 8 channels
8-/9-/10-/12-bit resolution variable PWM signal output function: 2 channels
Powerful serial interface: 2 channels
Internal memory:
ROM: none (
µPD78365A)
24K bytes (
µPD78363A)
32K bytes (
µPD78366A)
48K bytes (
µPD78368A)
RAM: 768 bytes (
µPD78363A)
2K bytes (
µPD78365A, 78366A, 78368A)
APPLICATION EXAMPLES
• Inverter air conditioner
• Factory automation fields, such as industrial robots and machine tools.
ORDERING INFORMATION
Part Number
Package
Internal ROM
µPD78363AGF-×××-3B9
80-pin plastic QFP (14
× 20 mm)
Mask ROM
µPD78365AGF-3B9
80-pin plastic QFP (14
× 20 mm)
None
µPD78366AGF-×××-3B9
80-pin plastic QFP (14
× 20 mm)
Mask ROM
µPD78368AGF-×××-3B9
80-pin plastic QFP (14
× 20 mm)
Mask ROM
Remark
××× indicates a ROM code suffix.
Unless otherwise specified, the functions and performances of the
µPD78366 are described throughout this document.
Document No. U11109EJ2V0DS00 (2nd edition)
Date Published September 1997 N
Printed in Japan
MOS INTEGRATED CIRCUIT
µPD78363A,78365A,78366A,78368A
16/8-BIT SINGLE-CHIP MICROCONTROLLERS
©
1995


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn