Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMTBJ100B Datasheet(PDF) 2 Page - Littelfuse

No. de pieza SMTBJ100B
Descripción Electrónicos  Bi-directional transient voltage protection
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LITTELFUSE [Littelfuse]
Página de inicio  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SMTBJ100B Datasheet(HTML) 2 Page - Littelfuse

  SMTBJ100B Datasheet HTML 1Page - Littelfuse SMTBJ100B Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
60
www .littelfuse .com
SMTBJ SiBOD
series
ELECTRICAL CHARACTERISTICS @ 25°C Tamb
SYMBOL
VRM
VBR
VBO
VT
PARAMETER
Stand-off voltage
Breakdown voltage
Breakover voltage
On-state voltage
ABSOLUTE RATINGS
SYMBOL
Ipp
Itsm
di/dt
T stg
Tj
TL
PARAMETER
Peak Pulse Current
Non-repetitive surge peak on-state current
Critical rate of rise of on-state current
Storage and operating junction temperature range
Maximum temperature for soldering
(For period of 10 seconds max)
10/1000 µsec
8-20 µs expo
tp20 ms
Non-repetitive
Type A
50
150
Type B
100
250
All parameters are tested using Fet Test™ Model 3600.
Device
Type
SMTBJ050 A or B
SMTBJ070 A or B
SMTBJ100 A or B
SMTBJ120 A or B
SMTBJ170 A or B
SMTBJ200 A or B
Vrm
50
70
100
120
170
200
Irm
@ Vrm
(µA)
1
1
1
1
1
1
Vbr
MIN
60
80
110
140
180
220
Vbo
MAX
80
120
135
165
215
265
Vt
TYP
@ 1A
<2V
<2V
<2V
<2V
<2V
<2V
Ibo
TYP
(mA)
50
50
50
50
50
50
Ih
MIN
(mA)
150
150
150
150
150
150
IRM
IBO
IH
Stand-off current
Breakover current
Holding current
30
100
-40 to +150
150
230
A
A
A
A/µs
°C
°C
°C
VALUE


Número de pieza similar - SMTBJ100B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sharma Electro Componen...
SMT SHARMA-SMT Datasheet
857Kb / 6P
   Sharma Multilayer Ceramic Capacitors
logo
Japan Aviation Electron...
SMT JAE-SMT Datasheet
173Kb / 4P
   Compact Coaxial Connectors Compatible with IEC60169-10 (Type SMB) Standard
logo
Isabellenhütte Heu...
SMT ISABELLENHUETTE-SMT Datasheet
1Mb / 5P
   Precision resistors
logo
RFE international
SMT RFE-SMT Datasheet
508Kb / 5P
   SMD TANTALUM CAPACITORS
2016.10.17
logo
PUI audio inc.
SMT-0440-S-R PUIAUDIO-SMT-0440-S-R Datasheet
249Kb / 1P
   ALL DIMENSIONS ARE IN MILLIMETERS
More results

Descripción similar - SMTBJ100B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shanghai Leiditech Elec...
P0080TA-MC LEIDITECH-P0080TA-MC Datasheet
1Mb / 4P
   Bi-directional crowbar transient voltage protection
P0640TA LEIDITECH-P0640TA Datasheet
711Kb / 4P
   Bi-directional crowbar transient voltage protection
P4500T1 LEIDITECH-P4500T1 Datasheet
747Kb / 4P
   Bi-directional crowbar transient voltage protection
P0080TB-MC LEIDITECH-P0080TB-MC Datasheet
741Kb / 4P
   Bi-directional crowbar transient voltage protection
P4200SC LEIDITECH-P4200SC Datasheet
1,021Kb / 5P
   Bi-directional crowbar transient voltage protection
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C Datasheet
199Kb / 2P
   Transient Voltage Suppressors for ESD Protection (Bi-directional)
logo
Diotec Semiconductor
ESD3B5V0WS DIOTEC-ESD3B5V0WS Datasheet
107Kb / 2P
   Bi-Directional Transient Voltage Suppressor Diodes for ESD Protection
logo
Bruckewell Technology L...
P4SMA6.8C BWTECH-P4SMA6.8C Datasheet
151Kb / 4P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
QP6SMA27CA EIC-QP6SMA27CA Datasheet
313Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00:January 29, 2016
logo
Solid States Devices, I...
T00003 SSDI-T00003 Datasheet
148Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com