Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPD784031Y Datasheet(PDF) 61 Page - NEC

No. de pieza UPD784031Y
Descripción Electrónicos  16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

UPD784031Y Datasheet(HTML) 61 Page - NEC

Back Button UPD784031Y Datasheet HTML 57Page - NEC UPD784031Y Datasheet HTML 58Page - NEC UPD784031Y Datasheet HTML 59Page - NEC UPD784031Y Datasheet HTML 60Page - NEC UPD784031Y Datasheet HTML 61Page - NEC UPD784031Y Datasheet HTML 62Page - NEC UPD784031Y Datasheet HTML 63Page - NEC UPD784031Y Datasheet HTML 64Page - NEC UPD784031Y Datasheet HTML 65Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 88 page
background image
61
µPD784031Y
DC Characteristics (TA = –40 to +85
°C, VDD = AVDD = +2.7 to 5.5 V, VSS = AVSS = 0 V) (1/2)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Input voltage low-level
VIL1
Except for pins shown in
–0.3
0.3VDD
V
Notes 1, 2, 3, 4, 6
VIL2
Pins shown in Notes 1, 2, 3, 4, 6
–0.3
0.2VDD
V
VIL3
VDD = +5.0 V
± 10 %
–0.3
+0.8
V
Pins shown in Notes 2, 3, 4
Input voltage high-level
VIH1
Except for pins shown in Notes 1, 6
0.7VDD
VDD + 0.3
V
VIH2
Pins shown in Notes 1, 6
0.8VDD
VDD + 0.3
V
VIH3
VDD = +5.0 V
± 10 %
2.2
VDD + 0.3
V
Pins shown in Notes 2, 3, 4
Output voltage low-level
VOL1
IOL = 2 mA
0.4
V
Except for pins shown in Note 6
VOL2
IOL = 3 mA
0.4
V
Pins shown in Note 6
IOL = 6 mA
0.6
V
Pins shown in Note 6
VOL3
VDD = +5.0 V
± 10 %
1.0
V
IOL = 8 mA
Pins shown in Notes 2, 5
Output voltage high-level
VOH1
IOH = –2 mA
VDD – 1.0
V
VOH2
VDD = +5.0 V
± 10 %
VDD – 1.4
V
IOH = –5 mA
Pins shown in Note 4
X1 input current low-level
IIL
EXTC = 0
–30
µA
0 V
≤ VI ≤ VIL2
X1 input current high-level
IIH
EXTC = 0
+30
µA
VIH2
≤ VI ≤ VDD
Notes 1. X1, X2, RESET, P12/ASCK2/SCK2, P20/NMI, P21/INTP0, P22/INTP1, P23/INTP2/CI, P24/INTP3,
P25/INTP4/ASCK/SCK1, P26/INTP5, P27/SI0, TEST
2. AD0 to AD7, A8 to A15
3. P60/A16 to P63/A19, RD, WR, P66/WAIT/HLDRQ, P67/REFRQ/HLDAK
4. P00 to P07
5. P10 to P17
6. P32/SCK0/SCL, P33/SO0/SDA


Número de pieza similar - UPD784031Y

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
UPD784031 NEC-UPD784031 Datasheet
539Kb / 86P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD784031 NEC-UPD784031 Datasheet
377Kb / 90P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD784031A NEC-UPD784031A Datasheet
539Kb / 86P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD784031GC-3B9 NEC-UPD784031GC-3B9 Datasheet
539Kb / 86P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD784031GC-3B9 NEC-UPD784031GC-3B9 Datasheet
377Kb / 90P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
More results

Descripción similar - UPD784031Y

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
UPD784224 NEC-UPD784224 Datasheet
687Kb / 92P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD78363A NEC-UPD78363A Datasheet
502Kb / 96P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035Y NEC-UPD784035Y Datasheet
503Kb / 94P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218 NEC-UPD784218 Datasheet
617Kb / 92P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
UPD78F1502AGK-GAK-AX RENESAS-UPD78F1502AGK-GAK-AX Datasheet
6Mb / 1031P
   16-Bit Single-Chip Microcontrollers
logo
NEC
UPD784214A NEC-UPD784214A Datasheet
561Kb / 50P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915A NEC-UPD784915A Datasheet
446Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915B NEC-UPD784915B Datasheet
384Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784938 NEC-UPD784938 Datasheet
3Mb / 733P
   16-Bit Single-Chip Microcontrollers
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com