Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPD784031Y Datasheet(PDF) 1 Page - NEC

No. de pieza UPD784031Y
Descripción Electrónicos  16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

UPD784031Y Datasheet(HTML) 1 Page - NEC

  UPD784031Y Datasheet HTML 1Page - NEC UPD784031Y Datasheet HTML 2Page - NEC UPD784031Y Datasheet HTML 3Page - NEC UPD784031Y Datasheet HTML 4Page - NEC UPD784031Y Datasheet HTML 5Page - NEC UPD784031Y Datasheet HTML 6Page - NEC UPD784031Y Datasheet HTML 7Page - NEC UPD784031Y Datasheet HTML 8Page - NEC UPD784031Y Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 88 page
background image
©
1996
DATA SHEET
MOS INTEGRATED CIRCUIT
µPD784031Y
16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
The
µPD784031Y is based on the µPD784031 with an I2C bus control function appended, and is ideal for
applications in audio-visual systems.
The
µPD784031Y is a ROM-less version of µPD784035Y and 784036Y.
The functions are explained in detail in the following User’s Manual. Be sure to read this manual when
designing your system.
µPD784038, 784038Y Subseries User’s Manual - Hardware : U11316E
78K/IV Series User’s Manual - Instruction
: U10905E
Timer/counter
16-bit Timer/counter x 3 units
16-bit Timer x 1 unit
Standby function
HALT/STOP/IDLE mode
Clock division function
Watchdog timer: 1 channel
A/D converter: 8-bit resolution x 8 channels
D/A converter: 8-bit resolution x 2 channels
Supply voltage: VDD = 2.7 to 5.5 V
FEATURES
78K/IV Series
Pin-compatible with
µPD78234 Subseries,
µPD784026 Subseries, and µPD784038
Subseries
Minimum instruction execution time: 125 ns
(@ 32-MHz operation)
I/O ports: 46
Serial interface: 3 channels
UART/IOE (3-wire serial I/O): 2 channels
CSI (3-wire serial I/O, 2-wire serial I/O, I2C bus):
1 channel
PWM output: 2 outputs
APPLICATION FIELDS
Cellular phones, cordless phones, audio-visual systems, etc.
ORDERING INFORMATION
Part Number
Package
Internal ROM (Bytes)
Internal RAM (Bytes)
µPD784031YGC-3B9
80-pin plastic QFP (14 x 14 mm, thickness 2.7 mm)
None
2048
µPD784031YGC-8BT
80-pin plastic QFP (14 x 14 mm, thickness 1.4 mm)
None
2048
µPD784031YGK-BE9
80-pin plastic TQFP (fine pitch) (12 x 12 mm)
None
2048
The information in this document is subject to change without notice.
Document No. U11504EJ1V0DS00 (1st edition)
Date Published
July 1997 N
Printed in Japan
The mark
shows major revised points.


Número de pieza similar - UPD784031Y

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
UPD784031 NEC-UPD784031 Datasheet
539Kb / 86P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD784031 NEC-UPD784031 Datasheet
377Kb / 90P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD784031A NEC-UPD784031A Datasheet
539Kb / 86P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD784031GC-3B9 NEC-UPD784031GC-3B9 Datasheet
539Kb / 86P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD784031GC-3B9 NEC-UPD784031GC-3B9 Datasheet
377Kb / 90P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
More results

Descripción similar - UPD784031Y

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
UPD784224 NEC-UPD784224 Datasheet
687Kb / 92P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD78363A NEC-UPD78363A Datasheet
502Kb / 96P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035Y NEC-UPD784035Y Datasheet
503Kb / 94P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218 NEC-UPD784218 Datasheet
617Kb / 92P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
UPD78F1502AGK-GAK-AX RENESAS-UPD78F1502AGK-GAK-AX Datasheet
6Mb / 1031P
   16-Bit Single-Chip Microcontrollers
logo
NEC
UPD784214A NEC-UPD784214A Datasheet
561Kb / 50P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915A NEC-UPD784915A Datasheet
446Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915B NEC-UPD784915B Datasheet
384Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784938 NEC-UPD784938 Datasheet
3Mb / 733P
   16-Bit Single-Chip Microcontrollers
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com