Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA1692A Datasheet(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

No. de pieza TA1692A
Descripción Electrónicos  SAW Filter 836.5MHz 25MHz BW SMD 1.4X1.1 mm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Página de inicio  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1692A Datasheet(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1692A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1692A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1692A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1692A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1692A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1692A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1692A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1692A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-02
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Product Specifications Approval Sheet
Product Name: SAW Filter 836.5MHz 25MHz BW SMD 1.1×0.9 mm
TST Parts No.: TA1692A
Customer Part No.:
Checked by:
Andy Yu
Approved by:
Bob Chau
Date:
2013, 11, 25
1.
Customer signed back is required before TST can proceed with sample build and receive orders.
2.
Orders received without customer signed back will be regarded as agreement on the specifications.
3.
Any specifications changes must be approved upon by both parties and a new revision of specifications
shall be released to reflect the changes
Customer signature required
Company:
Division:
Approved by :
Date:


Número de pieza similar - TA1692A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Golledge Electronics Lt...
TA1692A GOLLEDGE-TA1692A Datasheet
238Kb / 7P
   SAW Filter 836.50MHz
More results

Descripción similar - TA1692A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TA1691A TAI-SAW-TA1691A Datasheet
223Kb / 8P
   SAW Filter 836.5MHz 25MHz BW SMD 1.4X1.1 mm
TA2081A TAI-SAW-TA2081A Datasheet
437Kb / 8P
   SAW Filter 652.5MHz SMD 1.4X1.1 mm (BW=25MHz)
TA1689A TAI-SAW-TA1689A Datasheet
237Kb / 9P
   SAW Filter 881.5MHz 25MHz BW SMD 1.4X1.1 mm
TA2084A TAI-SAW-TA2084A Datasheet
442Kb / 8P
   SAW Filter 777.5MHz SMD 1.4X1.1 mm (BW=25MHz)
TA2082A TAI-SAW-TA2082A Datasheet
441Kb / 8P
   SAW Filter 752.5MHz SMD 1.4X1.1 mm (BW=25MHz)
TA2083A TAI-SAW-TA2083A Datasheet
441Kb / 8P
   SAW Filter 677.5MHz SMD 1.4X1.1 mm (BW=25MHz)
TA2629A TAI-SAW-TA2629A Datasheet
755Kb / 8P
   SAW Filter 836.5 MHz (BW 25MHz) SMD 1.4X1.1 mm
logo
SIPAT Co,Ltd
LBT83704 SIPAT-LBT83704 Datasheet
128Kb / 3P
   836.5MHz SAW Filter 25MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA1323A TAI-SAW-TA1323A Datasheet
150Kb / 7P
   SAW Filter 2017.5MHz 15MHz BW SMD 1.4X1.1 mm
TA2384A TAI-SAW-TA2384A Datasheet
415Kb / 8P
   SAW Filter 677.5MHz SMD 1.4X1.1 mm (BW=26MHz)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com