Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA1698A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

No. de pieza TA1698A
Descripción Electrónicos  SAW Filter 2140MHz 60MHz BW SMD 1.4X1.1 mm
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Página de inicio  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1698A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1698A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1698A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1698A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1698A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1698A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1698A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1698A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1698A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD. TA1698A Datasheet HTML 9Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 2140MHz 60MHz BW SMD 1.4x1.1 mm
MODEL NO.: TA1698A
REV. NO.:1.0
A. MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. DC Voltage : 3V
3. Operating Temperature: -30°C to +85°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Terminating source impedance
:
Zs = 50 Ω
Terminating load impedance :
ZL = 50 Ω
Parameters Description
Unit
Minimu
m
Typical
Maximu
m
Center Frequency (Fo)
MHz
-
2140
-
Insertion Loss within 2110.0 ~ 2170.0
MHz
dB
-
1.8
2.2
Amplitude Ripple within 2110.0 ~ 2170.0
MHz
dBp-p
-
0.6
1.5
VSWR within 2110.0 ~ 2170.0 MHz
-
-
1.8
2.0
Amplitude balance within 2110.0 ~ 2170.0
MHz
dB
-1.0
-0.7 ~
+0.5
+1.0
Phase balance within 2110.0 ~ 2170.0
MHz
deg
-10
-7 ~ +5
+10
Attenuation:
10.0 ~ 1920.0 MHz
dB
40
50
-
810.0 ~ 830.0 MHz
dB
50
61
-
898.0 ~ 925.0 MHz
dB
50
61
-
824.0 ~ 849.0 MHz
dB
50
61
-
1920.0 ~ 1980.0 MHz
dB
50
64
-
2200.0 ~2500.0 MHz
dB
20
30
-
2500.0 ~ 6000.0 MHz
dB
35
40
-
Notes : (1) No Matching Network .
RoHS Compliant
Lead free
Lead-free soldering
E
lectrostatic Sensitive Device (ESD)


Número de pieza similar - TA1698A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Golledge Electronics Lt...
TA1698A GOLLEDGE-TA1698A Datasheet
208Kb / 8P
   SAW Filter 2140.0MHz
More results

Descripción similar - TA1698A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TA1699A TAI-SAW-TA1699A Datasheet
254Kb / 9P
   SAW Filter 2140MHz 60MHz BW SMD 1.1X0.9 mm
TA1696A TAI-SAW-TA1696A Datasheet
329Kb / 8P
   SAW Filter 1950MHz 60MHz BW SMD 1.4X1.1 mm
TA1695A TAI-SAW-TA1695A Datasheet
420Kb / 8P
   SAW Filter 1740MHz 60MHz BW SMD 1.4X1.1 mm
TA2630A TAI-SAW-TA2630A Datasheet
703Kb / 8P
   SAW Filter 1740 MHz (BW 60MHz) SMD 1.4X1.1 mm
TA1699B TAI-SAW-TA1699B Datasheet
477Kb / 11P
   SAW Filter 2140MHz 60MHz BW Band 1 Rx SMD 1.1횞0.9 mm
TA1699D TAI-SAW-TA1699D Datasheet
447Kb / 11P
   SAW Filter 2140MHz 60MHz BW Band 1 Rx SMD 1.1횞0.9 mm
TA1845A TAI-SAW-TA1845A Datasheet
553Kb / 9P
   SAW Filter 2140MHz 60MHz BW Band 4 Rx SMD 1.1x0.9 mm
TF0098A TAI-SAW-TF0098A Datasheet
383Kb / 12P
   SAW DPX 1950/2140MHz 60MHz BW Single type SMD 2.0횞1.6 mm
TA1818B TAI-SAW-TA1818B Datasheet
474Kb / 8P
   SAW Rx Filter 2140MHz LTE Band 1 SMD 1411 (60MHz BW)
TF0088A TAI-SAW-TF0088A Datasheet
324Kb / 13P
   Duplexer 1960/2140MHz 60MHz BW SMD 2.0횞1.6 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com