Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDF08N50 Datasheet(PDF) 3 Page - SamHop Microelectronics Corp.

No. de pieza SDF08N50
Descripción Electrónicos  Super high dense cell design for low RDS(ON).
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMHOP [SamHop Microelectronics Corp.]
Página de inicio  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SDF08N50 Datasheet(HTML) 3 Page - SamHop Microelectronics Corp.

  SDF08N50 Datasheet HTML 1Page - SamHop Microelectronics Corp. SDF08N50 Datasheet HTML 2Page - SamHop Microelectronics Corp. SDF08N50 Datasheet HTML 3Page - SamHop Microelectronics Corp. SDF08N50 Datasheet HTML 4Page - SamHop Microelectronics Corp. SDF08N50 Datasheet HTML 5Page - SamHop Microelectronics Corp. SDF08N50 Datasheet HTML 6Page - SamHop Microelectronics Corp. SDF08N50 Datasheet HTML 7Page - SamHop Microelectronics Corp. SDF08N50 Datasheet HTML 8Page - SamHop Microelectronics Corp. SDF08N50 Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Tj( C )
Ver 2.4
www.samhop.com.tw
Dec,24,2013
3
0.4
0.2
1.6
1.4
1.2
1.0
0.8
0.6
125 150
100
75
50
25
0
-25
-50
V DS =V GS
ID=250uA
1.10
1.05
1.00
0.95
0.90
0.85
1.15
125 150
100
75
50
25
0
-25
-50
ID=250uA
8.0
6.4
4.8
1.6
0
0
Tj=125 C
-55 C
25 C
2.4
2.0
1.6
1.2
0.8
0.4
1
V GS =10V
3.0
2.6
2.2
1.8
1.4
1.0
0
0
100
75
25
50
125
150
V GS =10V
ID=4A
VDS, Drain-to-Source Voltage(V)
Figure 1. Output Characteristics
VGS, Gate-to-Source Voltage(V)
Figure 2. Transfer Characteristics
15
12
9
6
3
0
VGS =5V
VGS =10V
VGS =6V
ID, Drain Current(A)
Figure 3. On-Resistance vs. Drain Current
and Gate Voltage
Tj, Junction Temperature(° C )
Figure 4. On-Resistance Variation with Drain
Current and Temperature
Tj, Junction Temperature(° C )
Tj, Junction Temperature(° C )
Figure 5. Gate Threshold Variation
with Temperature
Figure 6. Breakdown Voltage Variation
with Temperature
36
9
12
15
0.0
1.2
7.2
6.0
4.8
3.6
2.4
0
5
10
15
20
25
30
VGS =7V
SDP08N50
SDF08N50
3.2


Número de pieza similar - SDF08N50

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SamHop Microelectronics...
SDF08N60 SAMHOP-SDF08N60 Datasheet
193Kb / 11P
   Super high dense cell design for low RDS(ON).
More results

Descripción similar - SDF08N50

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SamHop Microelectronics...
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
   Super high dense cell design for low RDS(ON).
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
   Super high dense cell design for low RDS(ON).
STF2458A SAMHOP-STF2458A Datasheet
92Kb / 6P
   Super high dense cell design for low RDS(ON).
STF8204 SAMHOP-STF8204 Datasheet
123Kb / 8P
   Super high dense cell design for low RDS(ON).
STG2454 SAMHOP-STG2454 Datasheet
123Kb / 7P
   Super high dense cell design for low RDS(ON).
STG8205 SAMHOP-STG8205 Datasheet
197Kb / 7P
   Super high dense cell design for low RDS(ON).
STK600 SAMHOP-STK600 Datasheet
104Kb / 7P
   Super high dense cell design for low RDS(ON).
STE334S SAMHOP-STE334S Datasheet
93Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2454 SAMHOP-STF2454 Datasheet
112Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2456 SAMHOP-STF2456 Datasheet
98Kb / 6P
   Super high dense cell design for low RDS(ON).
STM4886E SAMHOP-STM4886E Datasheet
188Kb / 7P
   Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com