Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC648CDW1T1 Datasheet(PDF) 1 Page - Leshan Radio Company

No. de pieza BC648CDW1T1
Descripción Electrónicos  Dual General Purpose Transistors(NPN Duals)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LRC [Leshan Radio Company]
Página de inicio  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

BC648CDW1T1 Datasheet(HTML) 1 Page - Leshan Radio Company

  BC648CDW1T1 Datasheet HTML 1Page - Leshan Radio Company BC648CDW1T1 Datasheet HTML 2Page - Leshan Radio Company BC648CDW1T1 Datasheet HTML 3Page - Leshan Radio Company BC648CDW1T1 Datasheet HTML 4Page - Leshan Radio Company BC648CDW1T1 Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LESHAN RADIO COMPANY, LTD.
BC846b–1/5
1
3
2
Dual General Purpose Transistors
NPN Duals
These transistors are designed for general purpose amplifier
applications. They are housed in the SOT–363/SC–88 which is
designed for low power surface mount applications.
MAXIMUM RATINGS
Rating
Symbol
BC846
BC847
BC848
Unit
Collector–Emitter Voltage
V CEO
65
45
30
V
Collector–Base Voltage
V CBO
80
50
30
V
Emitter–Base Voltage
V EBO
6.0
6.0
5.0
V
Collector Current -Continuous
I C
100
100
100
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation
P D
380
mW
Per Device
250
mW
FR– 5 Board, (1) TA = 25°C
Derate above 25°C
3.0
mW/°C
Thermal Resistance, Junction to Ambient
R θJA
328
°C/W
Junction and Storage Temperature
T J , T stg
–55 to +150
°C
1. FR–5 = 1.0 x 0.75 x 0.062 in.
ORDERING INFORMATION
Device
Package
Shipping
BC846BDW1T1
SOT–363
3000 Units/Reel
BC847BDW1T1
SOT–363
3000 Units/Reel
BC847CDW1T1
SOT–363
3000 Units/Reel
BC848BDW1T1
SOT–363
3000 Units/Reel
BC848CDW1T1
SOT–363
3000 Units/Reel
BC846BDW1T1
BC847BDW1T1
BC847CDW1T1
BC848BDW1T1
BC848CDW1T1
SOT-363 /SC-88
CASE 419B STYLE1
1
3
2
6
4
5
See Table
Q1
Q2
6
4
5


Número de pieza similar - BC648CDW1T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
BC640 MOTOROLA-BC640 Datasheet
116Kb / 4P
   High Current Transistors
logo
NXP Semiconductors
BC640 NXP-BC640 Datasheet
143Kb / 15P
   80 V, 1 A PNP medium power transistors
Rev. 08-22 February 2008
logo
List of Unclassifed Man...
BC640 ETC-BC640 Datasheet
1Mb / 14P
   GERMANIOVE TRANZISTORY
logo
ON Semiconductor
BC640 ONSEMI-BC640 Datasheet
86Kb / 4P
   High Current Transistors(PNP Silicon)
June, 2000 ??Rev. 1
logo
Micro Commercial Compon...
BC640 MCC-BC640 Datasheet
367Kb / 2P
   PNP Epitaxial Silicon Transistors
More results

Descripción similar - BC648CDW1T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
LBC817-16DMT1G LRC-LBC817-16DMT1G Datasheet
173Kb / 3P
   Dual General Purpose Transistors NPN Duals
LBC846BDW1T1 LRC-LBC846BDW1T1 Datasheet
172Kb / 5P
   Dual General Purpose Transistors NPN Duals
logo
ON Semiconductor
BC846BPDW1T1 ONSEMI-BC846BPDW1T1 Datasheet
166Kb / 10P
   Dual General Purpose Transistors(NPN/PNP Duals)
June, 2004 ??Rev. 3
logo
Leshan Radio Company
LBC817-16DPMT1G LRC-LBC817-16DPMT1G Datasheet
502Kb / 5P
   Dual General Purpose Transistors NPN/PNP Duals
LBC846BPDW1T1G LRC-LBC846BPDW1T1G_11 Datasheet
169Kb / 9P
   Dual General Purpose Transistors NPN/PNP Duals (Complimentary)
LBC846BPDW1T1 LRC-LBC846BPDW1T1 Datasheet
253Kb / 9P
   Dual General Purpose Transistors NPN/PNP Duals (Complimentary)
LBC807-16DMT1G LRC-LBC807-16DMT1G Datasheet
173Kb / 3P
   Dual General Purpose Transistors PNP Duals
BC856BDW1T1 LRC-BC856BDW1T1 Datasheet
164Kb / 5P
   Dual General Purpose Transistors(PNP Duals)
logo
Weitron Technology
BC846BDW WEITRON-BC846BDW Datasheet
201Kb / 6P
   General Purpose Transistor NPN Duals
logo
Cystech Electonics Corp...
HBN3904S6R CYSTEKEC-HBN3904S6R_17 Datasheet
327Kb / 7P
   Dual General Purpose NPN Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com