Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FMMT451 Datasheet(PDF) 6 Page - Diodes Incorporated

No. de pieza FMMT451
Descripción Electrónicos  60V NPN MEDIUM POWER TRANSISTOR IN SOT23
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT451 Datasheet(HTML) 6 Page - Diodes Incorporated

  FMMT451_15 Datasheet HTML 1Page - Diodes Incorporated FMMT451_15 Datasheet HTML 2Page - Diodes Incorporated FMMT451_15 Datasheet HTML 3Page - Diodes Incorporated FMMT451_15 Datasheet HTML 4Page - Diodes Incorporated FMMT451_15 Datasheet HTML 5Page - Diodes Incorporated FMMT451_15 Datasheet HTML 6Page - Diodes Incorporated FMMT451_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
FMMT451
A Product Line of
Diodes Incorporated
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
SOT23
Dim
Min
Max
Typ
A
0.37
0.51
0.40
B
1.20
1.40
1.30
C
2.30
2.50
2.40
D
0.89
1.03
0.915
F
0.45
0.60
0.535
G
1.78
2.05
1.83
H
2.80
3.00
2.90
J
0.013
0.10
0.05
K
0.890
1.00
0.975
K1
0.903
1.10
1.025
L
0.45
0.61
0.55
L1
0.25
0.55
0.40
M
0.085
0.150
0.110
a
All Dimensions in mm
Dimensions Value (in mm)
Z
2.9
X
0.8
Y
0.9
C
2.0
E
1.35
X
E
Y
C
Z
J
K1
K
L1
H
L
M
All 7°
A
C
B
D
a
FMMT451
Document number: DS33086 Rev. 4 - 2
6 of 7
www.diodes.com
August 2014
© Diodes Incorporated


Número de pieza similar - FMMT451_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
FMMT451TA ETC2-FMMT451TA Datasheet
126Kb / 2P
   SOT23 NPN SILICON PLANAR HIGH PERFROMANCE TRANSISTOR
More results

Descripción similar - FMMT451_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
FMMT491 DIODES-FMMT491_15 Datasheet
393Kb / 7P
   60V NPN MEDIUM POWER TRANSISTOR IN SOT23
FMMT491Q DIODES-FMMT491Q_15 Datasheet
303Kb / 7P
   60V NPN MEDIUM POWER TRANSISTOR IN SOT23
FMMT491Q DIODES-FMMT491Q Datasheet
303Kb / 7P
   60V NPN MEDIUM POWER TRANSISTOR IN SOT23
FMMT491TA DIODES-FMMT491TA Datasheet
153Kb / 7P
   60V NPN MEDIUM POWER TRANSISTOR IN SOT23
ZXTN2018FQ DIODES-ZXTN2018FQ Datasheet
493Kb / 7P
   60V NPN MEDIUM POWER TRANSISTOR IN SOT23
May 2019
ZXTN25060BFH DIODES-ZXTN25060BFH Datasheet
399Kb / 6P
   60V, SOT23, NPN medium power transistor
ZXTN2018F DIODES-ZXTN2018F Datasheet
513Kb / 6P
   60V, SOT23, NPN medium power transistor
logo
Zetex Semiconductors
ZXTN25060BFH ZETEX-ZXTN25060BFH Datasheet
392Kb / 6P
   60V, SOT23, NPN medium power transistor
logo
Diodes Incorporated
FMMT591TC DIODES-FMMT591TC Datasheet
476Kb / 7P
   60V PNP MEDIUM POWER TRANSISTOR IN SOT23
FMMT591 DIODES-FMMT591_15 Datasheet
476Kb / 7P
   60V PNP MEDIUM POWER TRANSISTOR IN SOT23
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com