Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK801 Datasheet(PDF) 6 Page - SamHop Microelectronics Corp.

No. de pieza STK801
Descripción Electrónicos  Super high dense cell design for low RDS(ON).
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMHOP [SamHop Microelectronics Corp.]
Página de inicio  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STK801 Datasheet(HTML) 6 Page - SamHop Microelectronics Corp.

  STK801 Datasheet HTML 1Page - SamHop Microelectronics Corp. STK801 Datasheet HTML 2Page - SamHop Microelectronics Corp. STK801 Datasheet HTML 3Page - SamHop Microelectronics Corp. STK801 Datasheet HTML 4Page - SamHop Microelectronics Corp. STK801 Datasheet HTML 5Page - SamHop Microelectronics Corp. STK801 Datasheet HTML 6Page - SamHop Microelectronics Corp. STK801 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
STK801
www.samhop.com.tw
Dec,28,2012
6
PACKAGE OUTLINE DIMENSIONS
SOT-89
RE F .
MIN.
4.40
4.05
1.50
1.30
2.40
0.89
MAX .
4.60
4.25
1.70
1.50
2.60
1.20
5
DIME NS IO NS
A
A1
B
B1
C
C1
A
B
B1
E
D
G
1.50
0.40
1.40
0.35
0.70
RE F .
0.52
1.60
0.41
TY P .
RE F .
E
F
F1
F2
G
D
Milimeters
H
3.00
RE F .
F
Ver 1.0


Número de pieza similar - STK801

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STK800 STMICROELECTRONICS-STK800 Datasheet
243Kb / 12P
   N-channel 30V - 0.006??- 20A - PolarPAK-R STripFET-TM Power MOSFET
STK800 STMICROELECTRONICS-STK800 Datasheet
267Kb / 12P
   N-channel 30V - 0.006ohm - 20A - PolarPAK STripFET Power MOSFET
STK800 STMICROELECTRONICS-STK800 Datasheet
276Kb / 12P
   N-channel 30V - 0.0024ohm - 30A - PolarPAK STripFET Power MOSFET
STK800 STMICROELECTRONICS-STK800 Datasheet
501Kb / 16P
   N-channel 30V - 0.006廓 - 20A - PolarPAK짰 STripFET??Power MOSFET
STK800_0609 STMICROELECTRONICS-STK800_0609 Datasheet
267Kb / 12P
   N-channel 30V - 0.006ohm - 20A - PolarPAK STripFET Power MOSFET
More results

Descripción similar - STK801

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SamHop Microelectronics...
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
   Super high dense cell design for low RDS(ON).
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
   Super high dense cell design for low RDS(ON).
STF2458A SAMHOP-STF2458A Datasheet
92Kb / 6P
   Super high dense cell design for low RDS(ON).
STF8204 SAMHOP-STF8204 Datasheet
123Kb / 8P
   Super high dense cell design for low RDS(ON).
STG2454 SAMHOP-STG2454 Datasheet
123Kb / 7P
   Super high dense cell design for low RDS(ON).
STG8205 SAMHOP-STG8205 Datasheet
197Kb / 7P
   Super high dense cell design for low RDS(ON).
STK600 SAMHOP-STK600 Datasheet
104Kb / 7P
   Super high dense cell design for low RDS(ON).
STE334S SAMHOP-STE334S Datasheet
93Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2454 SAMHOP-STF2454 Datasheet
112Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2456 SAMHOP-STF2456 Datasheet
98Kb / 6P
   Super high dense cell design for low RDS(ON).
STM4886E SAMHOP-STM4886E Datasheet
188Kb / 7P
   Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com