Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTC1704B Datasheet(PDF) 21 Page - Linear Technology

No. de pieza LTC1704B
Descripción Electrónicos  550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTC1704B Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC1704B_15 Datasheet HTML 17Page - Linear Technology LTC1704B_15 Datasheet HTML 18Page - Linear Technology LTC1704B_15 Datasheet HTML 19Page - Linear Technology LTC1704B_15 Datasheet HTML 20Page - Linear Technology LTC1704B_15 Datasheet HTML 21Page - Linear Technology LTC1704B_15 Datasheet HTML 22Page - Linear Technology LTC1704B_15 Datasheet HTML 23Page - Linear Technology LTC1704B_15 Datasheet HTML 24Page - Linear Technology LTC1704B_15 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTC1704/LTC1704B
21
1704bfa
APPLICATIO S I FOR ATIO
*1704 modulator gain/phase
*2001 Linear Technology
*this file written to run with PSpice 9.0
*may
require
modifications
for
other
SPICE
simulators
*MOSFETs
rfet mod sw 0.02
;MOSFET rdson
*inductor
lext sw out1 1u
;inductor value
rl out1 outsw 0.005
;inductor series R
*output cap
cout outsw out2 1000u
;capacitor value
resr out2 0 0.01
;capacitor ESR
*1704 internals
emod mod 0 comp 0 5
;3.3 for 3.3V supply
vstim comp 0 0 ac 1
;ac stimulus
.ac dec 100 1k 1meg
.probe
.end
With the gain/phase plot in hand, a loop crossover fre-
quency can be chosen. Usually the curves look something
like Figure 7. Choose the crossover frequency in the rising
or flat parts of the phase curve, beyond the external LC
poles. Frequencies between 10kHz and 50kHz usually
work well. Note the gain (GAIN, in dB) and phase (PHASE,
in degrees) at this point. The desired feedback amplifier
gain will be – GAIN to make the loop gain at 0dB at this
frequency. Now calculate the needed phase boost, assum-
ing 60
° as a target phase margin:
BOOST = – (PHASE + 30
°)
If the required BOOST is less than 60
°, a Type 2 loop can
be used successfully, saving two external components.
BOOST values greater than 60
° usually require Type 3
loops for satisfactory performance.
Finally, choose a convenient resistor value for R1 (10k is
usually a good value). Now calculate the remaining values:
(K is a constant used in the calculations)
f = chosen crossover frequency
G = 10(GAIN/20) (this converts GAIN in dB to G in
absolute gain)
TYPE 2 Loop:
K
Tan
BOOST
C
fGKR
CC K
R
K
fC
R
VR
VV
REF
OUTSW
REF
=+ °


=
=−
()
=
=
2
45
2
1
21
12
1
4
21
2
1
2
π
π
()
TYPE 3 Loop:
K
Tan
BOOST
C
fGR
CC K
R
K
fC
R
R
K
C
fKR
R
VR
VV
REF
OUTSW
REF
=+ °


=
=−
()
=
=
=
=
2
4
45
2
1
21
12
1
4
21
3
1
1
3
1
23
2
1
π
π
π
()
SWITCHING SUPPLY CURRENT LIMIT
PROGRAMMING
Programming the current limit on the LTC1704 switcher
supply is straightforward. The IMAX pin sets the current
limit by setting the maximum allowable voltage drop
across QB (the bottom MOSFET) before the current limit
circuit engages. The voltage across QB is set by its on-
resistance and the current flowing in the inductor, which


Número de pieza similar - LTC1704B_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LTC1704BEGN LINER-LTC1704BEGN Datasheet
358Kb / 28P
   550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
More results

Descripción similar - LTC1704B_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LTC1704 LINER-LTC1704 Datasheet
343Kb / 28P
   550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
LTC1704 LINER-LTC1704_15 Datasheet
353Kb / 28P
   550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
LTC1704EGN LINER-LTC1704EGN Datasheet
358Kb / 28P
   550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
LTC1702 LINER-LTC1702_15 Datasheet
421Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LTC1702 LINER-LTC1702 Datasheet
350Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LTC1702A LINER-LTC1702A_15 Datasheet
422Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LTC1702A LINER-LTC1702A Datasheet
416Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LT3500 LINER-LT3500_15 Datasheet
328Kb / 28P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT3500 LINER-LT3500 Datasheet
286Kb / 28P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LTC3703-5 LINER-LTC3703-5 Datasheet
445Kb / 32P
   60V Synchronous Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com