Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC74VHC1G08DFT2 Datasheet(PDF) 3 Page - Leshan Radio Company

No. de pieza MC74VHC1G08DFT2
Descripción Electrónicos  2-Input AND Gate
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LRC [Leshan Radio Company]
Página de inicio  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MC74VHC1G08DFT2 Datasheet(HTML) 3 Page - Leshan Radio Company

  MC74VHC1G08DFT2 Datasheet HTML 1Page - Leshan Radio Company MC74VHC1G08DFT2 Datasheet HTML 2Page - Leshan Radio Company MC74VHC1G08DFT2 Datasheet HTML 3Page - Leshan Radio Company MC74VHC1G08DFT2 Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LESHAN RADIO COMPANY, LTD.
VH8–3/4
DC ELECTRICAL CHARACTERISTICS
V CC
T A = 25°C
T A < 85°C –55°C<TA<125°C
Symbol
Parameter
Test Conditions
(V)
Min
Typ
Max
Min
Max
Min
Max
Unit
V IH
Minimum High–Level
2.0
1.5
1.5
1.5
V
Input Voltage
3.0
2.1
2.1
2.1
4.5
3.15
3.15
3.15
5.5
3.85
3.85
3.85
V IL
Maximum Low–Level
2.0
0.5
0.5
0.5
V
Input Voltage
3.0
0.9
0.9
0.9
4.5
1.35
1.35
1.35
5.5
1.65
1.65
1.65
V OH
Minimum High–Level
V IN = V IH or V IL
2.0
1.9
2.0
1.9
1.9
V
Output Voltage
I OH = – 50
µA
3.0
2.9
3.0
2.9
2.9
V IN = V IH or V IL
4.5
4.4
4.0
4.4
4.4
V IN = V IH or V IL
I OH = –4 mA
3.0
2.58
2.48
2.34
I OH = –8 mA
4.5
3.94
3.80
3.66
V OL
Maximum Low–Level
V IN = V IH or V IL
2.0
0.0
0.1
0.1
0.1
V
Output Voltage
I OL = 50
µA
3.0
0.0
0.1
0.1
0.1
V IN = V IH or V IL
4.5
0.0
0.1
0.1
0.1
V IN = V IH or V IL
I OL = 4 mA
3.0
0.36
0.44
0.52
I OL = 8 mA
4.5
0.36
0.44
0.52
I IN
Maximum Input
V IN = 5.5 V or GND
0 to5.5
±
0.1
±
1.0
±
1.0
µA
Leakage Current
I CC
Maximum Quiescent
V IN = V CC or GND
5.5
2.0
20
40
µA
Supply Current
MC74VHC1G08
6. C PD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without
load. Average operating current can be obtained by the equation: I CC(OPR) = C PD • V CC • f in + I CC
. C
PD is used to determine the no–
load dynamic power consumption; P D = C PD • V CC 2 • f in + I CC • V CC .
AC ELECTRICAL CHARACTERISTICS C load = 50 pF, Input t r = t f = 3.0 ns
T A = 25°C
T A < 85°C –55°C to 125°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Min
Max
Min
Max Unit
t PLH ,
Maximum
V CC = 3.3± 0.3 V
C L = 15 pF
4.1
8.8
10.5
12.5
ns
t PHL
Propogation Delay,
C L = 50 pF
5.9
12.3
14.0
16.5
Input A or B to Y
V CC = 5.0± 0.5 V C L = 15 pF
3.5
5.9
7.0
9.0
C L = 50 pF
4.2
7.9
9.0
11.0
C IN
Maximum Input
5.5
10
10
10
pF
Capacitance
Typical @ 25°C, V CC = 5.0 V
C PD
Power Dissipation Capacitance (Note 6)
11
pF


Número de pieza similar - MC74VHC1G08DFT2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
E-Tech Electronics LTD
MC74VHC1G08DFT2 ETL-MC74VHC1G08DFT2 Datasheet
557Kb / 4P
   2-Input AND Gate
logo
ON Semiconductor
MC74VHC1G08DFT2G ONSEMI-MC74VHC1G08DFT2G Datasheet
122Kb / 6P
   Single 2-Input AND Gate
February, 2013 ??Rev. 20
MC74VHC1G08DFT2G ONSEMI-MC74VHC1G08DFT2G Datasheet
122Kb / 6P
   Single 2-Input AND Gate
February, 2013 ??Rev. 20
MC74VHC1G08DFT2G ONSEMI-MC74VHC1G08DFT2G Datasheet
80Kb / 6P
   Single 2-Input AND Gate
May, 2015 ??Rev. 21
MC74VHC1G08DFT2G ONSEMI-MC74VHC1G08DFT2G Datasheet
206Kb / 14P
   Single 2-Input AND Gate
November, 2018 ??Rev. 22
More results

Descripción similar - MC74VHC1G08DFT2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7S08F TOSHIBA-TC7S08F Datasheet
211Kb / 5P
   2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F Datasheet
211Kb / 5P
   2-INPUT AND GATE
logo
Hitachi Semiconductor
HD74LV1G08A HITACHI-HD74LV1G08A Datasheet
52Kb / 10P
   2-input AND Gate
logo
Unisonic Technologies
U74AHC1G08 UTC-U74AHC1G08 Datasheet
96Kb / 5P
   2-INPUT AND GATE
logo
Toshiba Semiconductor
TC7SH08FS TOSHIBA-TC7SH08FS Datasheet
172Kb / 6P
   2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F_01 Datasheet
227Kb / 6P
   2-INPUT AND GATE
TC7SET08F TOSHIBA-TC7SET08F_02 Datasheet
205Kb / 6P
   2-INPUT AND GATE
logo
Unisonic Technologies
U74AHC1G08 UTC-U74AHC1G08_11 Datasheet
155Kb / 5P
   2-INPUT AND GATE
U74HC2G08 UTC-U74HC2G08_15 Datasheet
164Kb / 5P
   2-INPUT AND GATE
logo
Renesas Technology Corp
HD74HCT1G08 RENESAS-HD74HCT1G08 Datasheet
51Kb / 8P
   2-input AND Gate
logo
NXP Semiconductors
74AHCT1G08 PHILIPS-74AHCT1G08 Datasheet
75Kb / 16P
   2-input AND gate
2002 Jun 06
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com