Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC74VHC1G08DFT4 Datasheet(PDF) 4 Page - Leshan Radio Company

No. de pieza MC74VHC1G08DFT4
Descripción Electrónicos  2-Input AND Gate
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LRC [Leshan Radio Company]
Página de inicio  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MC74VHC1G08DFT4 Datasheet(HTML) 4 Page - Leshan Radio Company

  MC74VHC1G08DFT4 Datasheet HTML 1Page - Leshan Radio Company MC74VHC1G08DFT4 Datasheet HTML 2Page - Leshan Radio Company MC74VHC1G08DFT4 Datasheet HTML 3Page - Leshan Radio Company MC74VHC1G08DFT4 Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LESHAN RADIO COMPANY, LTD.
VH8–4/4
MC74VHC1G08
DEVICE ORDERING INFORMATION
Device Nomenclature
Device Order
Number
Logic
Circuit
Indicator
Temp
Range
Identifier
Technology
Device
Function
Package
Suffix
Tape and
Reel Suffix
Package Type
(Name/SOT#/
Common Name)
Tape and
Reel Size
MC74VHC1G08DFT1
MC
74
VHC1G
08
DF
T1
SC–70/SC–88A/
178 mm (7 in)
SOT–353
3000 Unit
MC74VHC1G08DFT2
MC
74
VHC1G
08
DF
T2
SC–70/SC–88A/
178 mm (7 in)
SOT–353
3000 Unit
MC74VHC1G08DFT4
MC
74
VHC1G
08
DF
T4
SC–70/SC–88A/
330 mm (13 in)
SOT–353
10,000 Unit
MC74VHC1G08DTT1
MC
74
VHC1G
08
DT
T1
SOT–23/TSOPS/
178 mm (7 in)
SC–59
3000 Unit
MC74VHC1G08DTT3
MC
74
VHC1G
08
DT
T3
SOT–23/TSOPS/
330 mm (13 in)
SC–59
10,000 Unit
Figure 4. Switching Waveforms
*Includes all probe and jig capacitance
Figure 5. Test Circuit


Número de pieza similar - MC74VHC1G08DFT4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
E-Tech Electronics LTD
MC74VHC1G08DFT4 ETL-MC74VHC1G08DFT4 Datasheet
557Kb / 4P
   2-Input AND Gate
More results

Descripción similar - MC74VHC1G08DFT4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7S08F TOSHIBA-TC7S08F Datasheet
211Kb / 5P
   2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F Datasheet
211Kb / 5P
   2-INPUT AND GATE
logo
Hitachi Semiconductor
HD74LV1G08A HITACHI-HD74LV1G08A Datasheet
52Kb / 10P
   2-input AND Gate
logo
Unisonic Technologies
U74AHC1G08 UTC-U74AHC1G08 Datasheet
96Kb / 5P
   2-INPUT AND GATE
logo
Toshiba Semiconductor
TC7SH08FS TOSHIBA-TC7SH08FS Datasheet
172Kb / 6P
   2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F_01 Datasheet
227Kb / 6P
   2-INPUT AND GATE
TC7SET08F TOSHIBA-TC7SET08F_02 Datasheet
205Kb / 6P
   2-INPUT AND GATE
logo
Unisonic Technologies
U74AHC1G08 UTC-U74AHC1G08_11 Datasheet
155Kb / 5P
   2-INPUT AND GATE
U74HC2G08 UTC-U74HC2G08_15 Datasheet
164Kb / 5P
   2-INPUT AND GATE
logo
Renesas Technology Corp
HD74HCT1G08 RENESAS-HD74HCT1G08 Datasheet
51Kb / 8P
   2-input AND Gate
logo
NXP Semiconductors
74AHCT1G08 PHILIPS-74AHCT1G08 Datasheet
75Kb / 16P
   2-input AND gate
2002 Jun 06
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com