Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MMBT2222AWT1 Datasheet(PDF) 2 Page - Leshan Radio Company

No. de Pieza. MMBT2222AWT1
Descripción  Preliminary Information General Purpose Transistors
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  LRC [Leshan Radio Company]
Página de inicio  http://www.lrc.cn/
Logo 

MMBT2222AWT1 Datasheet(HTML) 2 Page - Leshan Radio Company

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
K1–2/2
MMBT2222AWT1
ELECTRICAL CHARACTERISTICS (T A = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS (1)
DC Current Gain (1)
hFE
––
(I C = 0.1 mAdc, V CE = 10 Vdc)
35
––
(I C = 1.0 mAdc, V CE = 10 Vdc)
50
––
(I C = 10 mAdc, V CE = 10 Vdc)
75
––
(I C = 150 mAdc, V CE = 10 Vdc)
100
(I C = 500 mAdc, V CE = 10 Vdc)
40
––
Collector–Emitter Saturation Voltage(1)
VCE(sat)
Vdc
(I C = 150 mAdc, I B = 15 mAdc)
––
0.3
(I C = 500 mAdc, I B = 50 mAdc)
––
1.0
Base–Emitter Saturation Voltage(1)
V BE(sat)
Vdc
(I C = 150 mAdc, I B = 15 mAdc)
0.6
1.2
(I C = 500 mAdc, I B = 50 mAdc)
––
2.0
SMALL–SIGNAL CHARACTERISTICS
Current–Gain — Bandwidth Product
f T
300
––
MHz
(I C = 20 mAdc, V CE= 20Vdc, f = 100 MHz)
Output Capacitance
C obo
––
8.0
pF
(V CB= 10 Vdc, I E = 0, f = 1.0 MHz)
Input Capacitance
C ibo
––
30
pF
(V EB = 0.5 Vdc, I C = 0, f = 1.0 MHz)
Input Impedance
h ie
0.25
1.25
k
(V CE= 10 Vdc, I C = 10 mAdc, f = 1.0 kHz)
Voltage Feedback Ratio
h re
––
4.0
X 10
–4
(V CE= 10 Vdc, I C = 10 mAdc, f = 1.0 kHz)
Small–Signal Current Gain
h fe
75
375
(V CE= 10 Vdc, I C = 10 mAdc, f = 1.0 kHz)
Output Admittance
h oe
25
200
µmhos
(V CE= 10 Vdc, I C = 10 mAdc, f = 1.0 kHz)
Noise Figure
NF
––
4.0
dB
(V CE= 10 Vdc, I C = 100
µAdc, R
S= 1.0 k
Ω, f = 1.0 kHz)
SWITCHING CHARACTERISTICS
Delay Time
(V CC = 3.0 Vdc, V BE= – 0.5 Vdc
t d
—10
Rise Time
I C = 150 mAdc, I B1 = 15 mAdc)
t r
—25
ns
Storage Time
(V CC = 30 Vdc, I C = 150 mAdc
t s
225
ns
Fall Time
I B1 = I B2 = 15 mAdc)
t f
—60
1. Pulse Test: Pulse Width <300
µs, Duty Cycle <2.0%.


Html Pages

1  2 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn