Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STU310DH Datasheet(PDF) 3 Page - SamHop Microelectronics Corp.

No. de pieza STU310DH
Descripción Electrónicos  Dual E nhancementMode Field E ffect Transistor ( N and P Channel)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMHOP [SamHop Microelectronics Corp.]
Página de inicio  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STU310DH Datasheet(HTML) 3 Page - SamHop Microelectronics Corp.

  STU310DH Datasheet HTML 1Page - SamHop Microelectronics Corp. STU310DH Datasheet HTML 2Page - SamHop Microelectronics Corp. STU310DH Datasheet HTML 3Page - SamHop Microelectronics Corp. STU310DH Datasheet HTML 4Page - SamHop Microelectronics Corp. STU310DH Datasheet HTML 5Page - SamHop Microelectronics Corp. STU310DH Datasheet HTML 6Page - SamHop Microelectronics Corp. STU310DH Datasheet HTML 7Page - SamHop Microelectronics Corp. STU310DH Datasheet HTML 8Page - SamHop Microelectronics Corp. STU310DH Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
S T U310DH
=
Parameter
Symbol
Condition
Min Typ Max Unit
OFF CHAR ACTE R IS TICS
Drain-S ource Breakdown Voltage
BVDSS
=
VGS 0V, ID -250uA
=
-30
V
Zero Gate Voltage Drain Current
IDSS
VDS -24V, VGS 0V
==
-1
Gate-Body Leakage
IGSS
VGS
20V, VDS 0V
=
=
10
uA
ON CHAR ACTE R IS TICS
a
Gate Threshold Voltage
VGS(th)
VDS VGS,ID = -250uA
=
V
Drain-S ource On-S tate R esistance
R DS(ON)
VGS -10V, ID -6A
VGS -4.5V, ID -4A
On-S tate Drain Current
ID(ON)
VDS =-5V, VGS =-10V
A
S
Forward Transconductance
FS
g
VDS -10V, ID -6A
DYNAMIC CHAR ACTE R IS TICS
b
Input Capacitance
CISS
CRSS
COSS
Output Capacitance
R everse Transfer Capacitance
VDS =-15V, VGS =0V
f =1.0MHZ
P
F
P
F
P
F
C
=
=
=
=
==
5
uA
mohm
mohm
P-Channel ELECTR ICAL CHAR ACTER ISTICS (TA 25 C unless otherwise noted)
-20
190
280
1120
12.5
S WITCHING CHAR ACTE R IS TICS
b
Turn-On Delay Time
Rise Time
Turn-Off Delay Time
tD(ON)
tr
tD(OFF)
tf
VDD =-15V
ID =-1A
VGS = -10V
R GEN =6 ohm
ns
ns
ns
ns
Total Gate Charge
Gate-S ource Charge
Gate-Drain Charge
Qg
Qgs
Qgd
VDS =-15V, ID =-20 A
VGS =-10V
nC
nC
nC
Fall Time
3
VDS =-15V,ID =-20A,VGS =-10V
nC
VDS=-15V,ID =-20A,VGS =-4.5V
110
28
15
6.5
10.5
-1
22
2.5
30
-1.8
-3
24
30
35
44


Número de pieza similar - STU310DH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
VBsemi Electronics Co.,...
STU310DH VBSEMI-STU310DH Datasheet
1Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
More results

Descripción similar - STU310DH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SamHop Microelectronics...
STM8309 SAMHOP-STM8309 Datasheet
512Kb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
SDM8958 SAMHOP-SDM8958 Datasheet
736Kb / 9P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STU405DH SAMHOP-STU405DH Datasheet
120Kb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STU407D SAMHOP-STU407D Datasheet
879Kb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STU409DH SAMHOP-STU409DH Datasheet
849Kb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STM8457 SAMHOP-STM8457 Datasheet
1Mb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STM8450 SAMHOP-STM8450 Datasheet
1Mb / 11P
   Dual E nhancement Mode Field E ffect Transistor (N and P Channel)
STM8405 SAMHOP-STM8405 Datasheet
1Mb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
SDM8401 SAMHOP-SDM8401 Datasheet
1Mb / 9P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STS2620 SAMHOP-STS2620 Datasheet
926Kb / 11P
   Dual E nhancement Mode Field E ffect Transistor (N and P Channel)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com