Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMN32D4SDW Datasheet(PDF) 1 Page - Diodes Incorporated

No. de pieza DMN32D4SDW
Descripción Electrónicos  DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN32D4SDW Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN32D4SDW_15 Datasheet HTML 1Page - Diodes Incorporated DMN32D4SDW_15 Datasheet HTML 2Page - Diodes Incorporated DMN32D4SDW_15 Datasheet HTML 3Page - Diodes Incorporated DMN32D4SDW_15 Datasheet HTML 4Page - Diodes Incorporated DMN32D4SDW_15 Datasheet HTML 5Page - Diodes Incorporated DMN32D4SDW_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DMN32D4SDW
Document number: DS36023 Rev. 2 - 2
1 of 6
www.diodes.com
February 2015
© Diodes Incorporated
DMN32D4SDW
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
RDS(ON) max
ID max
TA = +25°C
30V
0.4
@ VGS = 10V
0.65A
0.7
@ VGS = 4.5V
0.52A
Description
This MOSFET is designed to minimize the on-state resistance
(RDS(ON)) and yet maintain superior switching performance, making it
ideal for high-efficiency power management applications.
Applications
Motor Control
Power Management Functions
DC-DC Converters
Backlighting
Features and Benefits
Low On-Resistance
Low Input Capacitance
Fast Switching Speed
ESD Protected Gate
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: SOT363
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections Indicator: See Diagram
Terminals: Finish  Matte Tin Annealed over Alloy42 Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.006 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMN32D4SDW-7
SOT363
3,000K/Tape & Reel
DMN32D4SDW-13
SOT363
10,000K/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http”//www.diodes.com/products/packages.html
Marking Information
SOT363
Date Code Key
Year
2014
2015
2016
2017
2018
2019
2020
Code
B
C
D
E
F
G
H
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
ESD PROTECTED
Top View
e3
SOT363
D1
S1
G1
Gate Protection
Diode
D2
S2
G2
Gate Protection
Diode
S
1
D
1
D
2
S
2
G
1
G
2
Q1 N-CHANNEAL
Q2 N-CHANNEAL
Top View
Pin out
S
1
D
1
D
2
S
2
G
1
G
2
N34 YM
N34 = Product Type Marking Code
YM = Date Code Marking
Y or Y= Year (ex: B = 2014)
M = Month (ex: 9 = September)


Número de pieza similar - DMN32D4SDW_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DMN32D4SDW-13 DIODES-DMN32D4SDW-13 Datasheet
348Kb / 6P
   Low On-Resistance
More results

Descripción similar - DMN32D4SDW_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
   Dual N-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM9966 ANPEC-APM9966 Datasheet
151Kb / 12P
   Dual N-Channel Enhancement Mode MOSFET
APM7322K ANPEC-APM7322K Datasheet
117Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
2N7002DW DIODES-2N7002DW_15 Datasheet
217Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG4800LSD DIODES-DMG4800LSD_15 Datasheet
249Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN601DMK DIODES-DMN601DMK_16 Datasheet
513Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
GUANGDONG HOTTECH INDUS...
8205A HOTTECH-8205A Datasheet
821Kb / 2P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN2040LSD DIODES-DMN2040LSD Datasheet
158Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG8822UTS DIODES-DMG8822UTS Datasheet
156Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com