Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMB1N-395V-02 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

No. de pieza SMB1N-395V-02
Descripción Electrónicos  uv high power led
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROITHNER [Roithner LaserTechnik GmbH]
Página de inicio  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

SMB1N-395V-02 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  SMB1N-395V-02 Datasheet HTML 1Page - Roithner LaserTechnik GmbH SMB1N-395V-02 Datasheet HTML 2Page - Roithner LaserTechnik GmbH SMB1N-395V-02 Datasheet HTML 3Page - Roithner LaserTechnik GmbH SMB1N-395V-02 Datasheet HTML 4Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.roithner-laser.com
1
SMB1N-395V-02
v 1.0 08.07.2014
Description
SMB1N-395V-02 is a surface mount AlInGaN High Power LED with a typical peak wavelength of 395 nm
and radiation of 750 mW. It comes in SMD package (PA9T) with silver plated soldering pads (lead free
solderable), copper heat sink, and molded with silicone resin.
Maximum Ratings (T
CASE=25°C)
Parameter
Symbol
Values
Min.
Max.
Unit
Power Dissipation
PD
2300
mW
Forward Current
IF
500
mA
Pulse Forward Current *
1
IFP
700
mA
Reverse Voltage
VF
not designed for reverse operation
V
Thermal Resistance
RTHJA
10
K/W
Junction Temperature
TJ
120
°C
Operating Temperature
TCASE
- 40
+ 100
°C
Storage Temperature
TSTG
- 40
+ 100
°C
Lead Solder Temperature *
2
TSLD
+ 250
°C
*
1 duty=1%, pulse width = 10 µs
*
2 must be completed within 5 seconds
Electro-Optical Characteristics (T
CASE=25°C)
*
1 measured by S3584-08
Parameter
Symbol Conditions
Values
Min.
Typ.
Max.
Unit
Peak Wavelength
λP
IF=500mA
390
395
400
nm
Half Width
∆λ
IF=500mA
12
nm
Forward Voltage
VF
IF=500mA
3.8
4.5
V
VFP
IFP=700mA
4.0
Radiated Power *
1
PO
IF=500mA
750
mW
IFP=700mA
1000
Viewing Angle
φ
IF=100mA
22
deg.
Rise Time
tR
IF=500mA
50
ns
Fall Time
tF
IF=500mA
55
ns


Número de pieza similar - SMB1N-395V-02

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Roithner LaserTechnik G...
SMB1N-395V ROITHNER-SMB1N-395V Datasheet
703Kb / 4P
   uv high power led
More results

Descripción similar - SMB1N-395V-02

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Roithner LaserTechnik G...
VL410-EMITTER ROITHNER-VL410-EMITTER Datasheet
694Kb / 3P
   uv high power led
SMB1N-365V ROITHNER-SMB1N-365V Datasheet
705Kb / 4P
   uv high power led
VL390-5050 ROITHNER-VL390-5050 Datasheet
284Kb / 5P
   High Power UV LED
VL400-5050 ROITHNER-VL400-5050 Datasheet
284Kb / 5P
   High Power UV LED
SMB1N-375V-02 ROITHNER-SMB1N-375V-02 Datasheet
750Kb / 4P
   uv high power led
SMB1N-395V ROITHNER-SMB1N-395V Datasheet
703Kb / 4P
   uv high power led
RLCU-440 ROITHNER-RLCU-440 Datasheet
400Kb / 4P
   High Power UV-LED
RLCU-440-400 ROITHNER-RLCU-440-400 Datasheet
668Kb / 5P
   high power uv led
VL380-5050 ROITHNER-VL380-5050 Datasheet
280Kb / 5P
   High Power UV LED
SMB1N-365V-02 ROITHNER-SMB1N-365V-02 Datasheet
699Kb / 4P
   uv high power led
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com