Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC2503 Datasheet(PDF) 1 Page - Won-Top Electronics

No. de pieza TC2503
Descripción Electrónicos  25A GLASS PASSIVATED 5/16 TIN CAN PRESS-FIT DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WTE [Won-Top Electronics]
Página de inicio  http://www.wontop.com
Logo WTE - Won-Top Electronics

TC2503 Datasheet(HTML) 1 Page - Won-Top Electronics

  TC2503 Datasheet HTML 1Page - Won-Top Electronics TC2503 Datasheet HTML 2Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Won-Top Electronics Co., Ltd.
www.wontop.com
Revision: April, 2012
1
Pb
Features
Glass Passivated Die Construction
Low Leakage
Low Cost
Anode
+
High Surge Current Capability
Typical IR less than 5.0µA
D
Mechanical Data
C
Case: All Copper Case and Components
E
Hermetically Sealed
Terminals: Contact Areas Readily Solderable
Polarity: Cathode to Case (Reverse Units Are
B
Available Upon Request and Are Designated
By A “R” Suffix, i.e. TC2502R or TC2504R)
Polarity: Red Color Equals Standard,
A
Black Color Equals Reverse Polarity
Mounting Position: Any
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 2
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
TC2500 TC2501 TC2502 TC2503 TC2504 TC2505 TC2506
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
300
400
500
600
V
RMS Reverse Voltage
VR(RMS)
35
70
140
210
280
350
420
V
Average Rectified Output Current
@TC = 150°C
IO
25
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single Half Sine-Wave Superimposed on
Rated Load (JEDEC Method)
IFSM
300
A
Forward Voltage
@IF = 25A
VFM
1.0
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
500
µA
Typical Junction Capacitance (Note 1)
CJ
300
pF
Typical Thermal Resistance (Note 2)
RθJC
1.2
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +175
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance: Junction to case, single side cooled.
TC2500 – TC2506
25A GLASS PASSIVATED 5/16” TIN CAN PRESS-FIT DIODE
WON-TOP ELECTRONICS
®
Tin Can
Dim
Min
Max
A
8.67
8.77
B
7.10
7.30
C
10.40
10.60
D
1.40
1.60
E
26.00
All Dimensions in mm


Número de pieza similar - TC2503

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Won-Top Electronics
TC2503 WTE-TC2503 Datasheet
23Kb / 2P
   25A 5/16 TIN CAN TYPE PRESS-FIT DIODE
TC2503 WTE-TC2503 Datasheet
29Kb / 2P
   25A GLASS PASSIVATED 5/16 TIN CAN PRESS-FIT DIODE
More results

Descripción similar - TC2503

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Won-Top Electronics
TC2500 WTE-TC2500_06 Datasheet
29Kb / 2P
   25A GLASS PASSIVATED 5/16 TIN CAN PRESS-FIT DIODE
TC2520 WTE-TC2520 Datasheet
31Kb / 2P
   25A GLASS PASSIVATED AVALANCHE 5/16 TIN CAN PRESS-FIT DIODE
TC3500 WTE-TC3500_14 Datasheet
32Kb / 2P
   35A GLASS PASSIVATED 5/16 TIN CAN PRESS-FIT DIODE
TC3500 WTE-TC3500_06 Datasheet
29Kb / 2P
   35A GLASS PASSIVATED 5/16 TIN CAN PRESS-FIT DIODE
TC2500 WTE-TC2500 Datasheet
23Kb / 2P
   25A 5/16 TIN CAN TYPE PRESS-FIT DIODE
TC3520 WTE-TC3520 Datasheet
31Kb / 2P
   35A GLASS PASSIVATED AVALANCHE 5/16 TIN CAN PRESS-FIT DIODE
DD250 WTE-DD250_14 Datasheet
32Kb / 2P
   25A GLASS PASSIVATED DISH TYPE PRESS-FIT DIODE
DD250 WTE-DD250 Datasheet
29Kb / 2P
   25A GLASS PASSIVATED DISH TYPE PRESS-FIT DIODE
HD2500 WTE-HD2500 Datasheet
32Kb / 2P
   25A GLASS PASSIVATED HITACHI TYPE PRESS-FIT DIODE
TC3500 WTE-TC3500 Datasheet
23Kb / 2P
   35A 5/16 TIN CAN TYPE PRESS-FIT DIODE
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com