Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N3964 Datasheet(PDF) 1 Page - Central Semiconductor Corp

No. de pieza 2N3964
Descripción Electrónicos  SILICON NPN TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CENTRAL [Central Semiconductor Corp]
Página de inicio  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N3964 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  2N3964 Datasheet HTML 1Page - Central Semiconductor Corp 2N3964 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N3963
2N3964
SILICON
PNP TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N3963 and 2N3964
are silicon PNP transistors designed for general purpose
applications.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
2N3963
2N3964
UNITS
Collector-Base Voltage
VCBO
80
45
V
Collector-Emitter Voltage
VCEO
80
45
V
Emitter-Base Voltage
VEBO
6.0
V
Continuous Collector Current
IC
200
mA
Power Dissipation (TC=25°C)
PD
1.2
W
Power Dissipation
PD
360
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
Thermal Resistance
ΘJC
146
°C/W
Thermal Resistance
ΘJA
486
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
2N3963
2N3964
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
ICBO
VCB=70V
-
10
-
-
nA
ICBO
VCB=40V
-
-
-
10
nA
ICES
VCE=70V
-
10
-
-
nA
ICES
VCE=40V
-
-
-
10
nA
IEBO
VEB=4.0V
-
10
-
10
nA
BVCBO
IC=10μA
80
-
45
-
V
BVCES
IC=10μA
80
-
45
-
V
BVCEO
IC=5.0mA
80
-
45
-
V
BVEBO
IE=10μA
6.0
-
6.0
-
V
VCE(SAT)
IC=10mA, IB=0.5mA
-
0.25
-
0.25
V
VCE(SAT)
IC=50mA, IB=5.0mA
-
0.40
-
0.40
V
VBE(SAT)
IC=10mA, IB=0.5mA
-
0.90
-
0.90
V
VBE(SAT)
IC=50mA, IB=5.0mA
-
0.95
-
0.95
V
hFE
VCE=5.0V, IC=1.0μA
60
-
180
-
hFE
VCE=5.0V, IC=10μA
100
300
250
500
hFE
VCE=5.0V, IC=10μA, TA=-55°C
40
-
100
-
hFE
VCE=5.0V, IC=100μA
100
-
250
-
hFE
VCE=5.0V, IC=1.0mA
100
450
250
600
hFE
VCE=5.0V, IC=1.0mA, TA=100°C
-
600
-
800
hFE
VCE=5.0V, IC=10mA
100
-
200
-
hFE
VCE=5.0V, IC=50mA
90
-
180
-
hFE
VCE=5.0V, IC=50mA, TA=-55°C
45
-
90
-
TO-18 CASE
R0 (17-May 2013)
www.centr a lsemi.com


Número de pieza similar - 2N3964

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seme LAB
2N3964 SEME-LAB-2N3964 Datasheet
14Kb / 1P
   Bipolar PNP
logo
Central Semiconductor C...
2N3964 CENTRAL-2N3964 Datasheet
534Kb / 1P
   Small Signal Transistors
logo
Seme LAB
2N3964CSM SEME-LAB-2N3964CSM Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed LCC1
2N3964DCSM SEME-LAB-2N3964DCSM Datasheet
15Kb / 1P
   Dual Bipolar PNP Devices in a hermetically sealed
More results

Descripción similar - 2N3964

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com