Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMN3730U Datasheet(PDF) 3 Page - Diodes Incorporated

No. de pieza DMN3730U
Descripción Electrónicos  30V N-CHANNEL ENHANCEMENT MODE MOSFET IN SOT23
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3730U Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN3730U_15 Datasheet HTML 1Page - Diodes Incorporated DMN3730U_15 Datasheet HTML 2Page - Diodes Incorporated DMN3730U_15 Datasheet HTML 3Page - Diodes Incorporated DMN3730U_15 Datasheet HTML 4Page - Diodes Incorporated DMN3730U_15 Datasheet HTML 5Page - Diodes Incorporated DMN3730U_15 Datasheet HTML 6Page - Diodes Incorporated DMN3730U_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DMN3730U
Datasheet number: DS35308 Rev. 2 - 2
3 of 7
www.diodes.com
July 2011
© Diodes Incorporated
DMN3730U
A Product Line of
Diodes Incorporated
0.000001 0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
R
(t) = r(t)*R
R
= 176C/W
Duty Cycle, D = t1/t2
θθ
θ
JA
JA
JA
t1, PULSE DURATION TIME (sec)
Fig. 3 Transient Thermal Resistance
0.001
0.01
0.1
1
r(t) @ D=Single Pulse
r(t) @ D=0.005
r(t) @ D=0.01
r(t) @ D=0.01
r(t) @ D=0.05
r(t) @ D=0.1
r(t) @ D=0.3
r(t) @ D=0.5
r(t) @ D=0.7
r(t) @ D=0.9
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
30
-
-
V
VGS = 0V, ID = 10μA
Zero Gate Voltage Drain Current
IDSS
-
-
1
μA
VDS = 30V, VGS = 0V
Gate-Source Leakage
IGSS
-
-
3
μA
VGS = ±8V, VDS = 0V
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(th)
0.45
-
0.95
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance (Note 7)
RDS(on)
-
-
460
VGS = 4.5V, ID = 200mA
560
VGS = 2.5V, ID = 100mA
730
VGS = 1.8V, ID = 75mA
Forward Transfer Admittance
|Yfs|
40
-
-
mS
VDS = 3V, ID = 10mA
Diode Forward Voltage (Note 7)
VSD
-
0.7
1.2
V
VGS = 0V, IS = 300mA
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
-
64.3
-
pF
VDS = 25V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
-
6.1
-
pF
Reverse Transfer Capacitance
Crss
-
4.5
-
pF
Gate Resistance
Rg
-
70
-
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge
Qg
-
1.6
-
nC
VGS = 4.5V, VDS = 15V,
ID = 1A
Gate-Source Charge
Qgs
-
0.2
-
nC
Gate-Drain Charge
Qgd
-
0.2
-
nC
Turn-On Delay Time
tD(on)
-
3.5
-
ns
VDS = 10V, ID = 1A
VGS = 10V, RG = 6Ω
Turn-On Rise Time
tr
-
2.8
-
ns
Turn-Off Delay Time
tD(off)
-
38
-
ns
Turn-Off Fall Time
tf
-
13
-
ns
Notes:
7. Measured under pulsed conditions to minimize self-heating effect. Pulse width
≤ 300μs; duty cycle ≤ 2%
8. For design aid only, not subject to production testing.


Número de pieza similar - DMN3730U_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DMN3730U-7 DIODES-DMN3730U-7 Datasheet
196Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMN3730UFB DIODES-DMN3730UFB Datasheet
147Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
DS35018 Rev. 2 - 2
DMN3730UFB-7 DIODES-DMN3730UFB-7 Datasheet
147Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
DS35018 Rev. 2 - 2
DMN3730UFB4 DIODES-DMN3730UFB4 Datasheet
144Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
DS35017 Rev. 3 - 2
DMN3730UFB4-7 DIODES-DMN3730UFB4-7 Datasheet
144Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
DS35017 Rev. 3 - 2
More results

Descripción similar - DMN3730U_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ZP Semiconductor
DMN3730U ZPSEMI-DMN3730U Datasheet
264Kb / 3P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET IN SOT23
logo
Diodes Incorporated
ZXMN3F30FH DIODES-ZXMN3F30FH Datasheet
417Kb / 8P
   30V SOT23 N-channel enhancement mode MOSFET
logo
Zetex Semiconductors
ZXMN3F30FH ZETEX-ZXMN3F30FH Datasheet
404Kb / 8P
   30V SOT23 N-channel enhancement mode MOSFET
logo
ZP Semiconductor
ZXMN3F30FH ZPSEMI-ZXMN3F30FH Datasheet
202Kb / 3P
   30V SOT23 N-channel enhancement mode MOSFET
ZXMP3F30FH ZPSEMI-ZXMP3F30FH Datasheet
301Kb / 3P
   30V SOT23 P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMP3F30FH ZETEX-ZXMP3F30FH Datasheet
229Kb / 8P
   30V SOT23 P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP3F30FH DIODES-ZXMP3F30FH Datasheet
208Kb / 8P
   30V SOT23 P-CHANNEL ENHANCEMENT MODE MOSFET
DMN2300U DIODES-DMN2300U_15 Datasheet
157Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET IN SOT23
logo
ZP Semiconductor
DMN2300U ZPSEMI-DMN2300U Datasheet
229Kb / 3P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET IN SOT23
logo
Diodes Incorporated
ZXMN10A07F DIODES-ZXMN10A07F_15 Datasheet
271Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET IN SOT23 PACKAGE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com