Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMN3016LDN-13 Datasheet(PDF) 6 Page - Diodes Incorporated

No. de pieza DMN3016LDN-13
Descripción Electrónicos  30V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3016LDN-13 Datasheet(HTML) 6 Page - Diodes Incorporated

  DMN3016LDN-13 Datasheet HTML 1Page - Diodes Incorporated DMN3016LDN-13 Datasheet HTML 2Page - Diodes Incorporated DMN3016LDN-13 Datasheet HTML 3Page - Diodes Incorporated DMN3016LDN-13 Datasheet HTML 4Page - Diodes Incorporated DMN3016LDN-13 Datasheet HTML 5Page - Diodes Incorporated DMN3016LDN-13 Datasheet HTML 6Page - Diodes Incorporated DMN3016LDN-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DMN3016LDN
Document number: DS37307 Rev. 2 - 2
6 of 7
www.diodes.com
January 2015
© Diodes Incorporated
DMN3016LDN
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
V-DFN3030-8
(Type J)
Dim
Min
Max
Typ
A
0.77
0.83
0.80
A1
0.00
0.05
0.02
A3
0.203 BSC
b
0.20
0.30
0.25
D
2.95
3.050
3.00
D2
0.90
1.10
1.00
D2a
0.90
1.10
1.00
E
2.95
3.050
3.00
E2
1.72
1.92
1.82
E2a
1.72
1.92
1.82
e
0.65BSC
L
0.27
0.38
0.33
La
0.15
0.25
0.20
k
0.35 TYP
z
0.40 BSC
All Dimensions in mm
Dimensions
Value
(in mm)
C
0.650
G
0.250
G1
0.550
X
0.350
X1
1.100
X2
1.100
X3
1.225
X4
2.375
Y
0.530
Y1
0.300
Y2
1.920
Y3
1.920
Y4
1.650
Y5
3.300
A
A1
A3
Seating Plane
D
E
e
z
E/2
b
D/2
D2a
D2
E2a
E2
k
La
L
PIN1# ID
Y5
X4
C
Y3
Y1
Y
X
X1
X2
Y2
G1
G
X3
Y4


Número de pieza similar - DMN3016LDN-13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DMN3016LDN-13 DIODES-DMN3016LDN-13 Datasheet
415Kb / 7P
   Low On-Resistance
More results

Descripción similar - DMN3016LDN-13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
ZXMN3AM832 DIODES-ZXMN3AM832 Datasheet
194Kb / 7P
   DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A06DN8 DIODES-ZXMN3A06DN8 Datasheet
192Kb / 7P
   DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A04DN8 DIODES-ZXMN3A04DN8 Datasheet
194Kb / 7P
   DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMN3A04DN8 ZETEX-ZXMN3A04DN8 Datasheet
56Kb / 4P
   DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMN3015LSD DIODES-DMN3015LSD_15 Datasheet
291Kb / 6P
   30V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN3035LWN DIODES-DMN3035LWN_15 Datasheet
596Kb / 7P
   30V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN3135LVT DIODES-DMN3135LVT_15 Datasheet
190Kb / 6P
   30V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJL9804 PANJIT-PJL9804 Datasheet
351Kb / 6P
   30V Dual N-Channel Enhancement Mode MOSFET
March 25,2017-REV.01
PJL9808 PANJIT-PJL9808 Datasheet
351Kb / 6P
   30V Dual N-Channel Enhancement Mode MOSFET
March 31,2017-REV.01
logo
Zetex Semiconductors
ZXMD63N03X ZETEX-ZXMD63N03X Datasheet
194Kb / 7P
   DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN3A06DN8 DIODES-ZXMN3A06DN8_15 Datasheet
192Kb / 7P
   DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com