Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMA80-1 Datasheet(PDF) 1 Page - Tyco Electronics

No. de pieza SMA80-1
Descripción Electrónicos  10 TO 200 MHz CASCADABLE AMPLIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo MACOM - Tyco Electronics

SMA80-1 Datasheet(HTML) 1 Page - Tyco Electronics

  SMA80-1 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Stellex Microwave Systems Sales: 1-800-321-8075
• email: sales@stellexms.com • website: www.stellexms.com
Guaranteed
Characteristics
Typical
0
°°°° to 50°°°°C
-54
°°°° to +85°°°°C
Frequency
Small Signal Gain (min.)
Gain Flatness (max.)
Reverse Isolation
Noise Figure (max.)
Power Output @ 1 dB comp. (min.)
IP3
IP2
Second Order Harmonic IP
VSWR Input / Output (max.)
DC Current @
Absolute Maximum Ratings
Storage Temperature
Max. Case Temperature
Max. DC Voltage
Max. Continuous RF Input Power
Max. Short Term RF Input Power (1 minute max.)
Max. Peak Power (3
µsec max.)
“S” Series Burn-in Temperature (Case)
Thermal Data: Vcc = 15 Vdc
Thermal Resistance
θ
jc
Transistor Power Dissipation Pd
Junction Temperature Rise Above Case Tjc
Outline Drawings
Package
TO-8
Surface Mount
SMA Connectorized
Figure
Typical Performance @ 25
°C
· HIGH REVERSE ISOLATION: >32 dB (TYP.)
· VERY LOW NOISE: 2.0 dB (TYP.)
· HIGH GAIN: 27.3 dB (TYP.)
· HIGH EFFICIENCY: 29 mA AT 15 VOLTS (TYP.)
A80-1/SMA80-1
10 TO 200 MHz
CASCADABLE AMPLIFIER
Specifications (Rev. Date: 1/01)*
* Measured in a 50-ohm system at +15 Vdc Nominal. Subject to change without notice.
BG
AA
CE
5.0-200.0 MHz
27.3 dB
±0.3 dB
33 dB
2.0 dB
16.0 dBm
+28 dBm
+33 dBm
+39 dBm
1.5:1 / 1.8:1
30 mA
10.0-200.0 MHz
26.0 dB
±0.7 dB
14.0 dBm
2.5 dB
14.5 dBm
2.0:1 / 2.3:1
34 mA
1.8:1 / 2.1:1
32 mA
10.0-200.0 MHz
25.0 dB
±1.0 dB
3.0 dB
-62° to +125°C
125°C
+17 Volts
+10 dBm
50 mW
0.5 W
125°C
184°C/W
0.155 W
28°C
15 Volts (max.)


Número de pieza similar - SMA80-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
SMA80-1 MACOM-SMA80-1 Datasheet
381Kb / 2P
   Cascadable Amplifier 10 to 200 MHz
logo
M/A-COM Technology Solu...
SMA80-1 MA-COM-SMA80-1 Datasheet
1Mb / 2P
   Cascadable Amplifier
SMA80-1 MA-COM-SMA80-1 Datasheet
644Kb / 3P
   Cascadable Amplifier
More results

Descripción similar - SMA80-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
A80-1 MACOM-A80-1_1 Datasheet
381Kb / 2P
   Cascadable Amplifier 10 to 200 MHz
logo
Teledyne Technologies I...
AC251 TELEDYNE-AC251 Datasheet
210Kb / 2P
   10 TO 200 MHz TO-8 CASCADABLE AMPLIFIER
AP294 TELEDYNE-AP294 Datasheet
180Kb / 2P
   10 TO 200 MHz TO-8 CASCADABLE AMPLIFIER
logo
List of Unclassifed Man...
AC293 ETC1-AC293 Datasheet
68Kb / 2P
   10 TO 200 MHz TO-8 CASCADABLE AMPLIFIER
logo
Teledyne Technologies I...
UTOUTC0210 TELEDYNE-UTOUTC0210 Datasheet
153Kb / 5P
   Thin-Film Cascadable Amplifier 10 to 200 MHz
UTOUTC0221 TELEDYNE-UTOUTC0221 Datasheet
149Kb / 6P
   Thin-Film Cascadable Amplifier 10 to 200 MHz
logo
M/A-COM Technology Solu...
SMPA38-2 MA-COM-SMPA38-2 Datasheet
1Mb / 2P
   Cascadable Amplifier 200 to 2600 MHz
A71 MA-COM-A71 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 200 MHz
logo
Teledyne Technologies I...
UTOUTC0211 TELEDYNE-UTOUTC0211 Datasheet
149Kb / 5P
   Thin-Film Cascadable Amplifier Module 10 to 200 MHz
logo
Tyco Electronics
PA38-2 MACOM-PA38-2 Datasheet
104Kb / 1P
   200 TO 2600 MHz CASCADABLE AMPLIFIER
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com